| データシートサーチシステム |
|
STR750FV0T6 データシート(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR750FV0T6 データシート(HTML) 10 Page - STMicroelectronics |
|
10 / 84 page ![]() Introduction STR750Fxx STR751Fxx STR752Fxx STR755Fxx 10/84 GPIOs (general purpose input/output) Each of the 72 GPIO pins (38 GPIOs in 64-pin devices) can be configured by software as output (push-pull or open-drain), as input (with or without pull-up or pull-down) or as Peripheral Alternate Function. Port 1.15 is an exception, it can be used as general-purpose input only or wake-up from STANDBY mode (WKP_STDBY). Most of the GPIO pins are shared with digital or analog alternate functions. |