| データシートサーチシステム |
|
STR750FV0H6 データシート(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR750FV0H6 データシート(HTML) 11 Page - STMicroelectronics |
|
11 / 84 page ![]() STR750Fxx STR751Fxx STR752Fxx STR755Fxx Introduction 11/84 3.2 Block diagram Figure 1. STR750 block diagram P0[31:0] EXT.IT WATCHDOG NESTED 10-bit ADC JTAG & ICE-RT ARM7TDMI-S 16AF JTDI JTCK JTMS NJTRST JTDO NRSTIN NRSTOUT V18 VDD_IO 15AF VDDA_ADC VSSA_ADC P1[19:0] APB BRIDGE USB Full Speed USBDP USBDM MOSI,MISO, UART0 RX,TX,CTS, SERIAL MEMORY SRAM 16KB RX,TX,CTS, FIFO 2x(16x8bit) UART1 FIFO 2x(16x8bit) SSP1 FIFO 2x(8x16bit) WAKEUP 4 CS as AF GPIO PORT 0 GPIO PORT 1 60MHz V18BKP MOSI,MISO, SSP0 FIFO 2x(8x16bit) SCL,SDA I2C RX,TX,CTS, UART2 FIFO 2x(16x8bit) TEST GP DMA 2xICAP, 2xOCMP 2xICAP, 2xOCMP 2xICAP, 2xOCMP XT1 XT2 RTC_XT1 RTC_XT2 PLL APB (up to 32 MHz) VDDA_PLL VSSA_PLL CK_USB CK_RTC as AF as AF as AF as AF RTS as AF RTS as AF as AF as AF as AF FLASH 256KB DC-DC 3.3V TO 1.8V VCORE VDD_IO RESET & POWER MAIN VSS RTC as AF Arbiter PWM1, PWM1N PWM2, PWM2N PWM3, PWM3N PWM_EMERGENCY as AF +16KB (RWW) SCLK, MOSI MISO as AF 4 streams CPU INTERFACE P2[19:0] GPIO PORT 2 AF: alternate function on I/O port pin Note: I/Os shown for 100 pin devices. 64-pin devices have the I/O set shown in Figure 3. CAN 2.0B RX,TX as AF SCK,NSS SCK,NSS TB TIMER RTS TIM0 TIMER TIM1 TIMER TIM2 TIMER PWM TIMER CK_SYS AHB AHB INTERRUPT CTL OSC 32xIRQ 2xFIQ VBACKUP VDDA_ADC VDDA_PLL LOW POWER HRESETN PRESETN PCLK HCLK 4M OSC 32K LP OSC FREE OSC CLOCK MANAGE- MENT BOOT0 BOOT1, as AF |