| データシートサーチシステム |
|
STR750FV2H6 データシート(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR750FV2H6 データシート(HTML) 66 Page - STMicroelectronics |
|
66 / 84 page ![]() Electrical parameters STR750Fxx STR751Fxx STR752Fxx STR755Fxx 66/84 Figure 34. SPI configuration - slave mode with CPHA=0, continuous transfer Figure 35. SPI configuration, slave mode with CPHA=1, single transfer Figure 36. SPI configuration - slave mode with CPHA=1, continuous transfer NSS INPUT sample MOSI INPUT MISO OUTPUT trigger MSB OUT MSB IN sample trigger sample trigger sample trigger sample trigger LSB OUT LSB IN sample trigger MSB OUT MSB IN sample 1.5*tc(SCK) tc(SCK) CPOL=0 CPOL=1 FRAME 1 FRAME 2 DONT CARE z tNSSLQV 1.5*tc(SCK) z tNSSLQV tNSHQZ DONT CARE NSS INPUT CPHA=1 MOSI INPUT MISO OUTPUT CPHA=1 tc(SCK) tw(SCKH) tw(SCKL) tr(SCK) tf(SCK) tSCKQV(MISO) tsu(SI) th(SI) MSB OUT MSB IN BIT OUT LSB IN LSB OUT CPOL=0 CPOL=1 tsu(NSS) th(NSS) BIT1 IN trigger edge sample edge sample edge tNSSHQX z tNSSLQV tSCKQX(MISO) trigger edge z tNSSHQZ DONT CARE DONT CARE NSS OUTPUT trigger MOSI OUTPUT MISO INPUT sample MSB IN MSB OUT trigger sample trigger sample trigger samlpe trigger sample LSB IN LSB OUT trigger sample MSB IN MSB OUT trigger DONT CARE tc(SCK) CPOL=0 CPOL=1 FRAME 1 FRAME 2 sample trigger sample trigger 1 OR 0 |