データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA538 データシート(PDF) 54 Page - STMicroelectronics

部品番号 STA538
部品情報  2 x 1.3 W class-D amplifier with analog or digital input 2.0 multichannel digital audio processor with FFX
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA538 データシート(HTML) 54 Page - STMicroelectronics

Back Button STA538 Datasheet HTML 50Page - STMicroelectronics STA538 Datasheet HTML 51Page - STMicroelectronics STA538 Datasheet HTML 52Page - STMicroelectronics STA538 Datasheet HTML 53Page - STMicroelectronics STA538 Datasheet HTML 54Page - STMicroelectronics STA538 Datasheet HTML 55Page - STMicroelectronics STA538 Datasheet HTML 56Page - STMicroelectronics STA538 Datasheet HTML 57Page - STMicroelectronics STA538 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 59 page
background image
Package information
STA538
54/59
11
Package information
This section includes packaging information for the following packages:
●
TFBGA48
●
VFQFPN52
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These package have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
11.1
Package TFBGA48
Figure 17.
Mechanical data (TFBGA48)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59