| データシートサーチシステム |
|
TRS3318CPWR データシート(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TRS3318CPWR データシート(HTML) 8 Page - Texas Instruments |
|
8 / 17 page ![]() www.ti.com PARAMETER MEASUREMENT INFORMATION 50 Ω TEST CIRCUIT VOLTAGE WAVEFORMS −3 V −3 V 3 V 3 V 0 V 3 V Output Input VOL VOH tTLH Generator (see Note B) RL 3 V FORCEOFF RS-232 Output tTHL CL (see Note A) SR(tr) + 6 V t THL or tTLH NOTES: A. CL includes probe and jig capacitance. B. The pulse generator has the following characteristics: PRR = 250 kbit/s, ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns. 50 Ω TEST CIRCUIT VOLTAGE WAVEFORMS 0 V 2.25 V Output Input VOL VOH tPLH Generator (see Note B) RL 3 V FORCEOFF RS-232 Output tPHL CL (see Note A) NOTES: A. CL includes probe and jig capacitance. B. The pulse generator has the following characteristics: PRR = 250 kbit/s, ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns. 50% 50% 1.125 V 1.125 V TEST CIRCUIT VOLTAGE WAVEFORMS 50 Ω −3 V 3 V Output Input VOL VOH tPHL Generator (see Note B) tPLH Output CL (see Note A) NOTES: A. CL includes probe and jig capacitance. B. The pulse generator has the following characteristics: ZO = 50 Ω, 50% duty cycle, tr ≤ 10 ns, tf ≤ 10 ns. 0 V 0 V 50% 50% TRS3318 2.5-V 460-kbps RS-232 TRANSCEIVER WITH ±15-kV ESD PROTECTION SLLS820 – AUGUST 2007 Figure 1. Driver Slew Rate Figure 2. Driver Pulse Skew Figure 3. Receiver Propagation Delay Times 8 Submit Documentation Feedback Copyright © 2007, Texas Instruments Incorporated Product Folder Link(s): TRS3318 |