| データシートサーチシステム |
|
TC74ACT244F データシート(PDF) 3 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC74ACT244F データシート(HTML) 3 Page - Toshiba Semiconductor |
|
3 / 8 page ![]() TC74ACT240,244P/F/FT 2007-10-01 3 Absolute Maximum Ratings (Note 1) Characteristics Symbol Rating Unit Supply voltage range VCC −0.5 to 7.0 V DC input voltage VIN −0.5 to VCC + 0.5 V DC output voltage VOUT −0.5 to VCC + 0.5 V Input diode current IIK ±20 mA Output diode current IOK ±50 mA DC output current IOUT ±50 mA DC VCC/ground current ICC ±200 mA Power dissipation PD 500 (DIP) (Note 2)/180 (SOP/TSSOP) mW Storage temperature Tstg −65 to 150 °C Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: 500 mW in the range of Ta = −40 to 65°C. From Ta = 65 to 85°C a derating factor of −10 mW/°C should be applied up to 300 mW. Operating Ranges (Note) Characteristics Symbol Rating Unit Supply voltage VCC 4.5 to 5.5 V Input voltage VIN 0 to VCC V Output voltage VOUT 0 to VCC V Operating temperature Topr −40 to 85 °C Input rise and fall time dt/dV 0 to 10 ns/V Note: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND. |