データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STV7622 データシート(PDF) 22 Page - STMicroelectronics

部品番号 STV7622
部品情報  192 output plasma display panel data driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV7622 データシート(HTML) 22 Page - STMicroelectronics

Back Button STV7622 Datasheet HTML 18Page - STMicroelectronics STV7622 Datasheet HTML 19Page - STMicroelectronics STV7622 Datasheet HTML 20Page - STMicroelectronics STV7622 Datasheet HTML 21Page - STMicroelectronics STV7622 Datasheet HTML 22Page - STMicroelectronics STV7622 Datasheet HTML 23Page - STMicroelectronics STV7622 Datasheet HTML 24Page - STMicroelectronics STV7622 Datasheet HTML 25Page - STMicroelectronics STV7622 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Pad dimensions and positions (in µm)
STV7622
22/32
11
Pad dimensions and positions (in µm)
The reference (x=0, y=0) is the centre of the die. Output pad pitch is 76.5 µm.
Pad placement coordinate values correspond to the center of each bump pad center. Pad
size is specified for bumping.
Table 13.
Pad placement and bump pad dimensions (in microns)
Lead pad name
Pad placements
Bump dimensions
X
Y
X
Y
TOP SIDE from left to right
OUT192
-7303.1
624.2
43.5
65.6
OUT191
-7226.6
624.2
43.5
65.6
OUT190
-7150.1
624.2
43.5
65.6
OUT189
-7073.6
624.2
43.5
65.6
OUT188
-6997.1
624.2
43.5
65.6
OUT187
-6920.6
624.2
43.5
65.6
OUT186
-6844.1
624.2
43.5
65.6
OUT185
-6767.6
624.2
43.5
65.6
OUT184
-6691.1
624.2
43.5
65.6
OUT183
-6614.6
624.2
43.5
65.6
OUT182
-6538.1
624.2
43.5
65.6
OUT181
-6461.6
624.2
43.5
65.6
OUT180
-6385.1
624.2
43.5
65.6
OUT179
-6308.6
624.2
43.5
65.6
OUT178
-6232.1
624.2
43.5
65.6
OUT177
-6155.6
624.2
43.5
65.6
OUT176
-6079.1
624.2
43.5
65.6
OUT175
-6002.6
624.2
43.5
65.6
OUT174
-5926.1
624.2
43.5
65.6
OUT173
-5849.6
624.2
43.5
65.6
OUT172
-5773.1
624.2
43.5
65.6
OUT171
-5696.6
624.2
43.5
65.6
OUT170
-5620.1
624.2
43.5
65.6
OUT169
-5543.6
624.2
43.5
65.6
OUT168
-5467.1
624.2
43.5
65.6
OUT167
-5390.6
624.2
43.5
65.6
OUT166
-5314.1
624.2
43.5
65.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32