| データシートサーチシステム |
|
STV7622BMP データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV7622BMP データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 32 page ![]() STV7622 Circuit description 13/32 Spread Spectrum: To avoid having too large of a current in the driver during the rising edge of the power outputs, all outputs are not triggered at the same time. Instead, the STV7622 inserts a small delay between the rising edge of two consecutive outputs. This delay depends on picture or image content (see Figure 8). For a dark picture, we have tSSJ-MIN = 1 to 2ns (typ.) between output 1 and any output X, while for a white picture, we have tSSJ-MAX = 100ns (typ.). The SSJ function spreads the discharge current in the scan lines and, therefore, reduces EMI by “spreading” the energy spectrum. Figure 8. Spread spectrum filter OUT-1 OUT-x t SSJ-MIN t SSJ-MAX OUT-1 OUT-x Case #1: Dark picture Case #2: White picture |