| データシートサーチシステム |
|
STM32U545CEU6Q データシート(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U545CEU6Q データシート(HTML) 25 Page - STMicroelectronics |
|
25 / 30 page ![]() Revision history Table 4. Document revision history Date Revision Changes 24-Jun-2021 1 Initial release. 24-Feb-2023 2 Updated • Introduction • STM32CubeU5 MCU package architecture • Macros for STM32U5 series • Boards for STM32U5 series • STM32CubeU5 MCU package structure • STM32CubeU5 examples overview • Number of examples for each board • TrustZone-enabled projects • Table 3. Number of examples for each board • What boards are supported by the STM32CubeU5 MCU package? 07-Jul-2023 3 Updated sections: • Table 1. Macros for STM32U5 series • Table 2. Boards for STM32U5 series • Figure 4. STM32CubeU5 MCU package structure • Section 4.2.1: TrustZone-enabled projects • Table 3. Number of examples for each board • Section 6.2: What boards are supported by the STM32CubeU5 MCU package? 12-Jan-2024 4 Updated Table 3. Number of examples for each board. UM2883 UM2883 - Rev 4 page 25/30 |