| データシートサーチシステム |
|
STM32U545JEY6Q データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32U545JEY6Q データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 30 page ![]() This setup is performed in a secure CMSIS SystemInit() function called at startup before entering the secure application main() function (refer to Arm® TrustZone®-M documentation of software guidelines). Figure 6. Secure and nonsecure multiprojects structure Non-secure project configuration Non-secure project linker file Non-secure project application include and source files Secure project configuration Secure project linker file Secure project application include and source files CMSIS device partition file for IDAU/ SAU, FPU, core and secure/non- secure interrupts configuration Non-secure callable services Non-secure callable header file (shared by secure project to non- secure project) Non-secure project components Secure project components UM2883 STM32CubeU5 MCU package overview UM2883 - Rev 4 page 13/30 |