データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32U595QII6 データシート(PDF) 19 Page - STMicroelectronics

部品番号 STM32U595QII6
部品情報  Getting started with STM32CubeU5 for STM32U5 series
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32U595QII6 データシート(HTML) 19 Page - STMicroelectronics

Back Button STM32U595QII6 Datasheet HTML 15Page - STMicroelectronics STM32U595QII6 Datasheet HTML 16Page - STMicroelectronics STM32U595QII6 Datasheet HTML 17Page - STMicroelectronics STM32U595QII6 Datasheet HTML 18Page - STMicroelectronics STM32U595QII6 Datasheet HTML 19Page - STMicroelectronics STM32U595QII6 Datasheet HTML 20Page - STMicroelectronics STM32U595QII6 Datasheet HTML 21Page - STMicroelectronics STM32U595QII6 Datasheet HTML 22Page - STMicroelectronics STM32U595QII6 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
1. Create a project
To create a new project, start either from the template project, provided for each board in \Projects\<STM
32xxx_yyy>\Templates, or from any available project in \Projects\<STM32xxy_yyy>\Examples or \
Projects\<STM32xx_yyy>\Applications (where <STM32xxx_yyy> refers to the board name, such as
STM32CubeU5).
The template project provides only an empty main loop function, which is a good starting point to understand
the STM32CubeU5 project settings. The template has the following characteristics:
–
It contains the HAL source code, CMSIS, and BSP drivers that are the minimum set of components
required to develop code on a given board.
–
It contains the include paths for all the firmware components.
–
It defines the supported STM32U5 series devices, allowing the correct configuration of the CMSIS and
HAL drivers.
–
It provides ready-to-use user files that are preconfigured as shown below:
◦
HAL initialized with default time base with Arm® core SysTick.
◦
SysTick ISR implemented for HAL_Delay() purpose.
Note:
When copying an existing project to another location, make sure all the include paths are updated.
2. Add the necessary middleware to the project (optional)
To identify the source files to be added to the project file list, refer to the documentation provided for each
middleware component. Refer to the applications in \Projects\STM32xxx_yyy\Applications\<MW_Sta
ck> (where <MW_Stack> refers to the middleware stack, such as USBX) to know which source files and
include paths must be added.
3. Configure the firmware components
The HAL and middleware components offer a set of build time configuration options, using macros (#define)
declared in a header file. A template configuration file is provided within each component that has to be copied
to the project folder (usually the configuration file is named xxx_conf_template.h, and the word
"_template" needs to be removed when copying it to the project folder). The configuration file provides enough
information to understand the impact of each configuration option. More detailed information is available in the
documentation provided for each component.
4. Start the HAL library
After jumping to the main program, the application code must call the HAL_Init() API to initialize the HAL
library, which carries out the following tasks:
a. Configuration of the flash memory prefetch and SysTick interrupt priority (through macros defined in stm3
2u5xx_hal_conf.h).
b. Configuration of the SysTick to generate an interrupt every millisecond at the SysTick interrupt priority
TICK_INT_PRIORITY, defined in stm32u5xx_hal_conf.h, which is clocked by the MSI (at this stage,
the clock has not been configured yet and the system is running from the 4 MHz MSI).
c. Setting the NVIC group priority to 0.
d. Calling the HAL_MspInit() callback function defined in the stm32u5xx_hal_msp.c user file to perform
global low-level hardware initializations.
UM2883
Getting started with STM32CubeU5
UM2883 - Rev 4
page 19/30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30