| データシートサーチシステム |
|
AM26C31CD データシート(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM26C31CD データシート(HTML) 2 Page - Texas Instruments |
|
2 / 18 page ![]() AM26C31 QUADRUPLE DIFFERENTIAL LINE DRIVER SLLS103J − DECEMBER 1990 − REVISED NOVEMBER 2003 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) ORDERING INFORMATION TA PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP (N) Tube of 25 AM26C31CN AM26C31CN SOIC (D) Tube of 40 AM26C31CD AM26C31C 0 °C to 70°C SOIC (D) Reel of 2500 AM26C31CDR AM26C31C 0 C to 70 C SOP (NS) Reel of 2000 AM26C31CNSR 26C31 SSOP (DB) Reel of 2000 AM26C31CDBR 26C31 PDIP (N) Tube of 25 AM26C31IN AM26C31IN SOIC (D) Tube of 40 AM26C31ID AM26C31C −40 °C to 85°C SOIC (D) Reel of 2500 AM26C31IDR AM26C31C −40 C to 85 C SOP (NS) Reel of 2000 AM26C31INSR 26C31 SSOP (DB) Reel of 2000 AM26C31IDBR 26C31 −40 °C to 125°C SOIC (D) Tube of 40 AM26C31QD AM26C31QD −40 °C to 125°C SOIC (D) Reel of 2500 AM26C31QDR AM26C31QD CDIP (J) Tube of 25 AM26C31MJ AM26C31MJ −55 °C to 125°C CFP (W) Tube of 150 AM26C31MW AM26C31MW −55 C to 125 C LCCC (FK) Tube of 55 AM26C31MFK AM26C31MFK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. FUNCTION TABLE (each driver) INPUT ENABLES OUTPUTS INPUT A G G Y Z H H X H L L H XL H H X LH L L X LL H X L H Z Z H = High level, L = Low level, X = Irrelevant, Z = High impedance (off) |