| データシートサーチシステム |
|
ISL73096RHX/SAMPLE データシート(PDF) 3 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ISL73096RHX/SAMPLE データシート(HTML) 3 Page - Renesas Technology Corp |
|
3 / 11 page ![]() ISL73096RH, ISL73127RH, ISL73128RH, ISL73096EH, ISL73127EH, ISL73128EH FN6475 Rev 4.00 Page 3 of 11 June 27, 2014 Ordering Information ORDERING SMD NUMBER PART NUMBER (Notes 1, 2) TEMP. RANGE (°C) PACKAGE (Pb-free) PKG. DWG. # 5962F0721804VXC ISL73096EHVF -55 to +125 16 Ld FLATPACK K16.A 5962F0721801VXC ISL73096RHVF -55 to +125 16 Ld FLATPACK K16.A 5962F0721801V9A ISL73096RHVX -55 to +125 DIE 5962F0721804V9A ISL73096EHVX -55 to +125 DIE 5962F0721805VXC ISL73127EHVF -55 to +125 16 Ld FLATPACK K16.A 5962F0721802VXC ISL73127RHVF -55 to +125 16 Ld FLATPACK K16.A 5962F0721802V9A ISL73127RHVX -55 to +125 DIE 5962F0721805V9A ISL73127EHVX -55 to +125 DIE 5962F0721806VXC ISL73128EHVF -55 to +125 16 Ld FLATPACK K16.A 5962F0721803VXC ISL73128RHVF -55 to +125 16 Ld FLATPACK K16.A 5962F0721803V9A ISL73128RHVX -55 to +125 DIE 5962F0721806V9A ISL73128EHVX -55 to +125 DIE ISL73096RHF/PROTO ISL73096RHF/PROTO -55 to +125 16 Ld FLATPACK K16.A ISL73096RHX/SAMPLE ISL73096RHX/SAMPLE -55 to +125 DIE ISL73127RHF/PROTO ISL73127RHF/PROTO -55 to +125 16 Ld FLATPACK K16.A ISL73127RHX/SAMPLE ISL73127RHX/SAMPLE -55 to +125 DIE ISL73128RHF/PROTO ISL73128RHF/PROTO -55 to +125 16 Ld FLATPACK K16.A ISL73128RHX/SAMPLE ISL73128RHX/SAMPLE -55 to +125 DIE NOTES: 1. These Intersil Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. 2. Specifications for Rad Hard QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers listed in the Ordering Information table must be used when ordering. |