| データシートサーチシステム |
|
LSM6DSV80X データシート(PDF) 101 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSV80X データシート(HTML) 101 Page - STMicroelectronics |
|
101 / 181 page ![]() Name Type Register address Default Comment Hex Binary MLC3_SRC R 72 01110010 output MLC4_SRC R 73 01110011 output MLC5_SRC R 74 01110100 output MLC6_SRC R 75 01110101 output MLC7_SRC R 76 01110110 output MLC8_SRC R 77 01110111 output Reserved registers must not be changed. Writing to those registers may cause permanent damage to the device. The content of the registers that are loaded at boot should not be changed. They contain the factory calibration values. Their content is automatically restored when the device is powered up. LSM6DSV80X Embedded functions register mapping DS14764 - Rev 1 page 101/181 |