| データシートサーチシステム |
|
LSM6DSV80X データシート(PDF) 140 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSV80X データシート(HTML) 140 Page - STMicroelectronics |
|
140 / 181 page ![]() 13.2.3 FSM_PROGRAMS (7Ch) FSM number of programs register (R/W) Table 376. FSM_PROGRAMS register FSM_N_ PROG7 FSM_N_ PROG6 FSM_N_ PROG5 FSM_N_ PROG4 FSM_N_ PROG3 FSM_N_ PROG2 FSM_N_ PROG1 FSM_N_ PROG0 Table 377. FSM_PROGRAMS register description FSM_N_PROG[7:0] Number of FSM programs; must be less than or equal to 8. Default value: 00000000 13.2.4 FSM_START_ADD_L (7Eh) and FSM_START_ADD_H (7Fh) FSM start address register (R/W). First available address is 0x2F0. Table 378. FSM_START_ADD_L register FSM_ START7 FSM_ START6 FSM_ START5 FSM_ START4 FSM_ START3 FSM_ START2 FSM_ START1 FSM_ START0 Table 379. FSM_START_ADD_L register description FSM_START[7:0] FSM start address value (LSbyte). Default value: 00000000 Table 380. FSM_START_ADD_H register FSM_ START15 FSM_ START14 FSM_ START13 FSM_ START12 FSM_ START11 FSM_ START10 FSM_ START9 FSM_ START8 Table 381. FSM_START_ADD_H register description FSM_START[15:8] FSM start address value (MSbyte). Default value: 00000000 LSM6DSV80X Embedded advanced features register description DS14764 - Rev 1 page 140/181 |