| データシートサーチシステム |
|
SC14WAMDECTSF01T データシート(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SC14WAMDECTSF01T データシート(HTML) 10 Page - Renesas Technology Corp |
|
10 / 37 page ![]() Datasheet Revision 3.1 05-Jan-2022 CFR0011-120-00-FM Rev 5 10 of 36 © 2022 Renesas Electronics SC14WAMDECT SF Wireless Audio Module FINAL 3.4 FUNCTIONAL OVERVIEW Note 4: Latency for 2 microphones depends on the assigned slot. Note 5: For Tour Guide System the 'normal delay' applies as defined in the DECT specification. Table 5: Overview of supported functions Functionality Remark Connection handling PP to FP PA mode: 1 or 2 microphones (PP) transmit to one loudspeaker (FP). FP to PP TG mode: 1 microphone (FP) broadcasts to max. 128 loudspeakers (PP). Protocol Registration Manual. TG mode: optionally protected by 6-bit access code. Number of PPs per FP PA mode: 1 or 2 TG mode: 1 to 128 Link establishment time 2 s (typ.) Registration time-out FP: 600 s (TG mode) PP: 120 s (TG mode) Factory registration Wire registration is supported. See [2]. Audio and tone Microphone mute Mute of MIC in all audio connections is possible. Latency PA mode: 1 MIC: 14.2 ms, 2 MICs: 14.2 ms or 15.8 ms (Note 4). TG mode: 18.3 ms (Note 5). General Battery handling Charging is not supported, requires external components. |