データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

75601 データシート(PDF) 4 Page - APM Hexseal Corporation All Rights Reserved

部品番号 75601
部品情報  SELF-SEALING FASTENERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  APM [APM Hexseal Corporation All Rights Reserved]
ホームページ  https://apmhexseal.com/
Logo APM - APM Hexseal Corporation All Rights Reserved

75601 データシート(HTML) 4 Page - APM Hexseal Corporation All Rights Reserved

  75601 Datasheet HTML 1Page - APM Hexseal Corporation All Rights Reserved 75601 Datasheet HTML 2Page - APM Hexseal Corporation All Rights Reserved 75601 Datasheet HTML 3Page - APM Hexseal Corporation All Rights Reserved 75601 Datasheet HTML 4Page - APM Hexseal Corporation All Rights Reserved 75601 Datasheet HTML 5Page - APM Hexseal Corporation All Rights Reserved 75601 Datasheet HTML 6Page - APM Hexseal Corporation All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SEELBOLTS
®
High-pressure, self-sealing bolts
SEELBOLTS® are designed to seal out air, water, lubricants and other liquids or gaseous contaminants. SEELBOLTS® are available in
many standard thread sizes and with optional sealing materials. They can also be supplied with either NYLOK® self-locking Aero-Patch™
or Aero-Pellet™, a black oxide, painted heads, or in a captivated (KAPTO-SKREW®) configuration.
LENGTHS
THREAD
P
H
Flats
Clear. Hole‡
Up to 1" + 0 – 1/32
SIZE
NOM.
MAX.
MAX.
Min.
Max.
1" to 2" + 0 – 1/16
1/4-28UNF-2A
.510"
.163"
.440"
.265"
.269"
3/8", 1/2", 5/8", 3/4"
1/4-20UNC-2A
.510"
.163"
.440"
.265"
.269"
3/8", 1/2", 5/8", 3/4"
5/16-24UNF-2A
.580"
.211"
.502"
.332"
.336"
1/2", 5/8", 3/4", 7/8"
5/16-18UNC-2A
.580"
.211"
.502"
.332"
.336"
3/8", 1/2", 5/8", 3/4", 7/8"
3/8-24UNF-2A
.650"
.243"
.565"
.395"
.399"
5/8", 3/4", 7/8", 1"
3/8-16UNC-2A
.650"
.243"
.565"
.395"
.399"
1/2", 5/8", 3/4", 7/8", 1"
1/2-20UNF-2A
.870"
.323"
.752"
.530"
.534"
1/2", 5/8", 3/4", 7/8", 1",
11/8", 11/4"
1/2-13UNC-2A
.870"
.323"
.752"
.530"
.534"
3/4", 7/8", 1", 11/8", 11/4"
TYPE ST HEXAGON HEAD SEELBOLTS
TYPE ST HEXAGON HEAD SEELBOLTS
THREAD
AN
P
H
Flats
Clear. Hole‡
LENGTHS
SIZE
Equiv.
NOM.
MAX.
MAX.
Min.
Max.
+1/32 – 1/16
1/4-28UNF-3A
AN4C
.510"
.172"
.440"
.265"
.269"
15/32", 17/32", 21/32", 25/32",
29/32", 11⁄32", 15⁄32", 19⁄32"
5/16-24UNF-3A
AN5C
.580"
.204"
.502"
.332"
.336"
19/32", 23/32", 27/32", 31/32"
13⁄32", 17⁄32", 111⁄32", 115⁄32", 119⁄32"
3/8-24UNF-3A
AN6C
.650"
.235"
.565"
.395"
.399"
45/64", 53/64", 61/64", 15⁄64",
113⁄64", 121⁄64", 129⁄64"
TYPE SB & AN SEELBOLTS
TYPE SB AN TYPE SEELBOLTS
Material: SEELSKREWS® and SEELBOLTS® — Non-magnetic stainless steel
(passivated). SEELNUTS® — Brass (nickel-plated) or steel (zinc-plated). Other
materials available on request. Silicone rubber per ZZ-R-765, Class I & II, Grade
70. Other seal materials available. Note: Type SB SEELBOLTS® meet
requirements of MIL-B-6812, material is stainless steel (magnetic).
Threads: Class 2 threads (normal commercial tolerance) are standard on stock
SEELSKREWS®, SEELBOLTS® and SEELNUTS®. Class 1 (loose tolerance) and
Class 3 (tight tolerance) threads are available on special order.
Temperature Range: -160°F to +500°F (-106°C to +260°C).
Pressure Range: Up to 6000 psi/vacuum, internal and external, subject to clearance
hole dimensions. Check factory for test data.
Shelf Life: Excess of 25 years.
Resistant to: Salt water, weather, dirt, dust, sunlight, ozone and most acids. See Table I.
Agency Listings: UL and CSA.
Installation: Install in same manner as standard fasteners. Standard break-edge
practices for deburring (i.e. break-sharp edges of 0.005" maximum) are
permissible. Recommended clearance hole depth is 2 to 3 times thread pitch.
See detail below.
Minimum Thread Length: SEELSKREWS®: For machine screws up to 11⁄4" long,
the complete thread should extend to within two threads (or closer) of the
bearing surface of the head.
SEELBOLTS®: For bolts up to 11⁄4" long, the minimum thread length should be
twice the diameter plus 1/4" (with a tolerance of plus 21⁄2 threads or 3/16",
whichever is greater). For bolts too short for this minimum, the distance from the
bearing surface of the head to the first complete thread shall not exceed the
length of 21⁄2 threads as measured with a ring thread gauge.
SEELSKREW®, SEELBOLT® & SEELNUT® SPECIFICATIONS
SEELSKREWS®: When ordering specify head style, thread size and length.
Examples:
• To order a slotted head SEELSKREW with an 8-32 thread, 1/2" long,
specify: SEELSKREW S8-32 x 1/2"
• To order an oversized slotted head SEELSKREW® with a 4-40 thread, 3/4"
long, specify: SEELSKREW SL 4-40 x 3/4"
• To order a Phillips head SEELSKREW with an M4 metric thread, 12 mm
long, specify: SEELSKREW RM 4 x 12mm
SEELBOLTS®: When ordering specify head style, thread size and length. Examples:
• To order a Type ST SEELBOLT with a 1/2-20UNF thread, 1" long, specify:
SEELBOLT ST 1/2-20UNF x 1"
SEELNUTS®: When ordering specify thread size. Example:
• To order a SEELNUT with an 8-32 thread, specify: SEELNUT 8-32
For non-stock thread sizes/head styles/lengths, or other sealing materials, please
consult the factory. KAPTO-SKREWS® and NYLOK® self-locking inserts are available
on special order.
NYLOK® is a trademark of NYLOK FASTENER CORPORATION.
HOW TO ORDER
4
TYPICAL CLEARANCE
HOLE DETAIL
To assure maximum sealing performance
of SEELSKREWS® and SEELBOLTS®
a clearance hole must be used.
Letter
S
L
V
N
E
F
G
Ozone
Excellent
Excellent
Excellent
Fair
Good
Excellent
Excellent
Chemicals
Good
Good
Excellent
Good
Good
Excellent
Excellent
Oil
Good
Excellent
Excellent
Excellent
Good
Poor
Excellent
Solvents
Fair
Good
Excellent
Good
Fair
Good
Good
Tensile
PSI
500-1800
600-1400
2000-2200
1500-3000
1500-4000
1400-1600
2000
Elongation
%
100-800
100-700
300-400
400-600
100-700
500-600
170
Abrasion
Resistance
Fair
Fair
Good
Good
Excellent
Excellent
Good
Compression
Set
Excellent
Excellent
Excellent
Excellent
Good
Excellent
Excellent
Material
Silicone
Rubber
Fluoro-
Silicone
Rubber
Viton® A
Buna N
(NBR)
Neoprene
(EPR)
Ethylene
Propylene
(EPDM)
Hydro-
genated
Nitrile
Relevant
Specifications
ZZ-R-765
CLASS I & II
GR. 70 RED
MIL-R-25988
AMS 3326
MIL-R-83248
CLASS I GR. 75
ASTM D2000-90
M2BG714
MIL-R-3065
AMS3209
ASTM D2000-90
M3BA708
ASTM D2000-90
M2BG714
(Green)
Service
Temp
°F
–150° to 500°
–78° TO 450°
–20° to 400°
–65° to 250°
–65° to 300°
–65° to 300°
–40° to 275°
RESISTANT TO
TABLE I: O-RING MATERIAL LIST
TYPICAL PROPERTIES
Other materials available. Please consult factory. Viton® is a registered trademark of DuPont Performance Elastomers.
Consult factory for additional sizes.
Consult factory for additional sizes.
Visit our website for downloadable CAD drawings:
www.apmhexseal.com



Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com