| データシートサーチシステム |
|
HS1F2AS データシート(PDF) 4 Page - Emerson Electric Co. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
HS1F2AS データシート(HTML) 4 Page - Emerson Electric Co. All rights reserved. |
|
4 / 10 page ![]() Group A: 480 Volt Δ Primary, 208Y/120 Secondary, 60 Hz kVA Catalog Number Group I Rolled Steel Catalog Number Group II Stainless Steel Height in (mm) Width in (mm) Depth in (mm) Approx. Ship Weight lbs (kg) Design Style 1 Elec Conn 1 Primary Amps Secondary Amps 3 HT1F3AS HTS1F3AS 13.00 (330.2) 16.00 (406.4) 9.00 (228.6) 105.0 (47.63) 4 27 3.6 8.3 6 HT1F6AS HTS1F6AS 13.00 (330.2) 16.00 (406.4) 9.00 (228.6) 110.0 (49.90) 4 27 7.2 16.6 9 HT1F9AS HTS1F9AS 17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 250.0 (113.40) 4 27 10.8 25.0 15 HT1F15AS HTS1F15AS 17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 261.0 (118.39) 4 27 18.1 41.7 30 HT1F30AS HTS1F30AS 30.00 (762.0) 29.00 (736.6) 12.00 (304.8) 696.0 (315.70) 4 27 36.1 83.4 45 HT1F45AS HTS1F45AS 30.00 (762.0) 29.00 (736.6) 12.00 (304.8) 844.0 (382.83) 4 27 54.2 125.0 5 Non-Ventilated Automation Transformers Contact Technical Services at (800) 377-4384 with any questions. Visit our website at www.solahd.com. 227 Group C: 480 Volt Δ Primary, 240 Volt Δ 120 Secondary with reduced capacity center tap, 60 Hz 2 kVA Catalog Number Group I Rolled Steel Catalog Number Group II Stainless Steel Height in (mm) Width in (mm) Depth in (mm) Approx. Ship Weight lbs (kg) Design Style 1 Elec Conn 1 Primary Amps Secondary Amps 3 HT5F3AS HTS5F3AS 13.00 (330.2) 16.00 (406.4) 9.00 (228.6) 105.0 (47.63) 4 28 3.6 7.2 6 HT5F6AS HTS5F6AS 13.00 (330.2) 16.00 (406.4) 9.00 (228.6) 110.0 (49.90) 4 28 7.2 14.4 9 HT5F9AS HTS5F9AS 17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 250.0 (113.40) 4 28 10.8 21.7 15 HT5F15AS HTS5F15AS 17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 305.0 (138.35) 4 28 18.1 36.1 30 HT5F30AS HTS5F30AS 29.00 (736.6) 25.00 (635.0) 12.00 (304.8) 698.0 (316.61) 4 28 36.1 72.2 45 HT5F45AS HTS5F45AS 29.00 (736.6) 25.00 (635.0) 12.00 (304.8) 876.0 (397.35) 4 28 54.2 108.3 Notes: 1. Design Styles and Electrical Connections can be found at the end of the Non-Ventilated Distribution Transformers section. 2. Refer to Capacity of Center Tap in Center Tap Delta Transformers at the beginning of this section. Group D: 240 Volt Δ Primary, 208Y/120 Secondary, 60 Hz kVA Catalog Number Group I Rolled Steel Catalog Number Group II Stainless Steel Height in (mm) Width in (mm) Depth in (mm) Approx. Ship Weight lbs (kg) Design Style 1 Elec Conn 1 Primary Amps Secondary Amps 3 HT6F3AS HTS6F3AS 13.00 (330.2) 16.00 (406.4) 9.00 (228.6) 97.0 (44.00) 4 25 7.2 8.3 6 HT6F6AS HTS6F6AS 13.00 (330.2) 16.00 (406.4) 9.00 (228.6) 141.0 (63.96) 4 25 14.4 16.6 9 HT6F9AS HTS6F9AS 17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 256.0 (116.12) 4 25 21.7 25.0 Selection Tables: Three Phase Group B: 208 Volt Δ Primary, 208Y/120 Secondary, 60 Hz kVA Catalog Number Group I Rolled Steel Catalog Number Group II Stainless Steel Height in (mm) Width in (mm) Depth in (mm) Approx. Ship Weight lbs (kg) Design Style 1 Elec Conn 1 Primary Amps Secondary Amps 3 HT3F3AS HTS3F3AS 13.00 (330.2) 16.00 (406.4) 9.00 (228.6) 97.0 (44.00) 4 26 7.2 8.3 6 HT3F6AS HTS3F6AS 13.00 (330.2) 16.00 (406.4) 9.00 (228.6) 141.0 (63.96) 4 26 14.4 16.6 9 HT3F9AS HTS3F9AS 17.00 (431.8) 20.00 (508.0) 11.00 (279.4) 256.0 (116.12) 4 26 21.7 25.0 |