| データシートサーチシステム |
|
HS12F3AS データシート(PDF) 1 Page - Emerson Electric Co. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
HS12F3AS データシート(HTML) 1 Page - Emerson Electric Co. All rights reserved. |
|
1 / 10 page ![]() Note: Weights and dimensions may change and should not be used for construction purposes. 5 Non-Ventilated Automation Transformers Contact Technical Services at (800) 377-4384 with any questions. Visit our website at www.solahd.com. 224 Automation Transformers - Non-Ventilated 50 VA to 45 kVA SolaHD encapsulated transformers are rated for Hazardous Locations as well as harsh industrial environments. Encap- sulation and rugged UL Listed/NEMA Type 3R enclosures protect the transformer from dust, moisture, and provide extra shock and vibration resistance. SolaHD transformers fully comply with the latest addition of the National Electrical Code for Class I, Division 2, Group A, B, C and D locations when installed in compliance with NEC 501.100 (B). Features Single Phase: .05 - .250 kVA • UL Listed/NEMA Type 3R non encapsulated enclosure for indoor and outdoor service • Low temperature rise, UL Class 130oC insulation system, 80oC temperature rise under full load • Conduit knockouts for side entry into wiring compartment • Copper lead wire terminations Single Phase: 0.500 - 25 kVA Three Phase: 3 - 45 kVA • UL Listed/NEMA Type 3R encapsulated enclosure for indoor and outdoor service • Electrostatically shielded for quality power on sizes 1 kVA and larger • UL Class 200oC insulation system, 115°C temperature rise under full load • Conduit knockouts for side entry into wiring compartment • Copper lead wire terminations • .500 - 45 kVA units are encapsulated with electrical grade silica and epoxy for industrial applications Related Products • Some SolaHD DC power supplies are available with Class I, Division 2 ratings or encapsulation. • Surge Protective Devices Certifications and Compliances • Listed: E25872, E77014 - UL 1561 or UL 506 - CSA C22.2 No. 47 or No. 66 Accessories and Optional Design Styles • Stainless Steel Enclosures • Copper Wound designs • UL Listed/NEMA Type 4, 4X or 12 Encapsulated Enclosures • Low temperature designs available E25872 E77014 |
同様の部品番号 - HS12F3AS |
|
同様の説明 - HS12F3AS |