データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

E756NEO データシート(PDF) 2 Page - Eclipse Magnetics Ltd

部品番号 E756NEO
部品情報  Neodymium Magnets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ECLIPSEMAGNETICS [Eclipse Magnetics Ltd]
ホームページ  https://www.eclipsemagnetics.com/
Logo ECLIPSEMAGNETICS - Eclipse Magnetics Ltd

E756NEO データシート(HTML) 2 Page - Eclipse Magnetics Ltd

  E756NEO Datasheet HTML 1Page - Eclipse Magnetics Ltd E756NEO Datasheet HTML 2Page - Eclipse Magnetics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Neodymium Magnets
Shallow Pots with Thread
■
Highest strength magnet material available
■
Cylindrical magnets in zinc plated mild steel pot
■
Pot is an essential part of the magnetic circuit
■
Female thread for easy fixing
■
Both poles are on one face providing superior grip at contact
■
Suitable for gripping and lifting applications
■
Ideal for use in positioning jigs and soldering fixtures
■
Maximum temperature 80°C
Product No.
Diameter
Height (ex thread) Height (inc. thread)
Thread
Unit of pack
Min. pull
(mm)
(mm)
(N)
E770NEO
6
4.5
6
M3
5
E771NEO
8
4.5
6
M3
20
13
E772NEO
10
4.5
6
M3
20
25
E773NEO
13
4.5
6
M3
20
60
E774NEO
16
4.5
8
M4
20
95
E775NEO
20
6
8
M4
10
140
E776NEO
25
7
8
M4
10
200
E777NEO
32
7
10
M5
5
350



Html Pages

1 2