| データシートサーチシステム |
|
HT1F30AS データシート(PDF) 8 Page - Emerson Electric Co. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
HT1F30AS データシート(HTML) 8 Page - Emerson Electric Co. All rights reserved. |
|
8 / 10 page ![]() 5 Non-Ventilated Automation Transformers Contact Technical Services at (800) 377-4384 with any questions. Visit our website at www.solahd.com. 231 Primary Voltage Interconnect Connect Lines to 600 H1 & H2 Secondary Voltage Interconnect Connect Lines to 240 X2 to X3 X1 & X4 120-0-120 X2 to X3 X2 to m X1, X2 & X4 120 X1 to X3 X2 to X4 X1 & X4 HS10 Series Primary Voltage Interconnect Connect Lines to 440 H5 to H6 H1 & H10 415 H4 to H7 H1 & H10 400 H3 to H8 H1 & H10 380 H2 to H9 H1 & H10 220 H1 to H6, H5 to H10 H1 & H10 208 H1 to H7, H4 to H10 H1 & H10 200 H1 to H8, H3 to H10 H1 & H10 190 H1 to H9 H2 to H10 H1 & H10 Secondary Voltage Interconnect Connect Lines to 220 X2 to X3 X1 & X4 110-0-110 X2 to X3 X2 to X1, X2 & X4 110 X1 to X3 X2 to X4 X1 & X4 HS14 Series Primary Voltage Interconnect Connect Lines to 440 H5 to H6 H1 & H10 415 H4 to H6 H1 & H9 400 H3 to H6 H1 & H8 380 H2 to H6 H1 & H7 220 H1 to H6 H5 to H10 H1 & H10 208 H1 to H6 H4 to H9 H1 & H9 200 H1 to H6 H3 to H8 H1 & H8 190 H1 to H6 H2 to H7 H1 & H7 Secondary Voltage Interconnect Connect Lines to 220 X2 to X3 X1 & X4 110-0-110 X2 to X3 X2 to X1, X2 & X4 110 X1 to X3 X2 to X4 X1 & X4 HS14 Series (1 kVA only) Primary Voltage Interconnect Connect Lines to 600 H3 to H4 H1 & H6 570 H2 to H4 H1 & H6 540 H2 to H5 H1 & H6 Secondary Voltage Interconnect Connect Lines to 240 X2 to X3 X1 & X4 120-0-120 X2 to X3 X2 to X1-X2-X4 120 X1 to X3 X2 to X4 X1 & X4 HS10 Series 600 Volt Primary 120/240 Volt Secondary Taps: 2, 5% FCBN Electrical Connections (Single Phase) 190/200/208/220/380/400/415/440 Volt Pri. 110/220 Volt Secondary Taps: None 190/200/208/220/380/400/415/440 Volt Pri. 110/220 Volt Secondary Taps: None 600 Volt Primary, 120/240 Volt Secondary Taps: None Note: 1 through 2 kVA units have electrostatic shielding. Note: Connect the electrostatic shield to the equipment ground (green) or to both the equipment ground and the system ground (white). Specifications are subject to change without notice. = Earth Ground 24 23 22 21 H1 H2 H3 H4 H5 H6 H7 H8 H9 H10 SHIELD X1 X3 X2 X4 X1 X3 X2 X4 H1 H2 H1 H2 H3 H4 H5 H6 SHIELD X1 X3 X2 X4 H1 H6 H2 H7 H3 H8 H4 H9 H5 H10 SHIELD X1 X3 X2 X4 |