| データシートサーチシステム |
|
AISC-402-R15G-T データシート(PDF) 2 Page - Abracon Corporation |
|
|
|||||||||||||||||||||||||||||
AISC-402-R15G-T データシート(HTML) 2 Page - Abracon Corporation |
|
2 / 5 page ![]() OPTIONS & PART IDENTIFICATION: AISC-0402 Ceramic Wire Wound Inductors 1.19 x 0.64 x 0.66mm Pb RoHS / RoHS II Compliant Key Electrical Specifications (Cont.) Test Conditions: Inductance (L): Agilent4287A+Agilent16197A or equivalent, 50mV Direct Current Resistance (DCR): HIOKI 3540 or equivalent Temperature rise current (Ir): Electric Power, Electric current meter, Thermometer IDC: Based on temperature rise ( △ T : 20ºC TYP. ) AISC-0402 - - Inductance Code Tolerance Code Packaging Please refer to the electrical specification table S: ±0.3nH T: Tape and Reel (10kpcs/reel) G: ±2% J: ±5% K: ±10% ABRACON IS ISO9001-2015 CERTIFIED 5101 Hidden Creek Ln Spicewood TX 78669 Phone: 512-371-6159 | Fax: 512-351-8858 For terms and conditions of sales, please visit: www.abracon.com REVISED: 1-21-21 Part Q L/Q Test SRF RDC IDC Number L (nH) Tolerance Min Freq Min Max Max Inductance Code (MHz) (MHz) (Ω) (mA) 23N 23 G, J, K 26 250 2720 0.250 400 24N 24 G, J, K 26 250 2700 0.300 400 27N 27 G, J, K 26 250 2480 0.300 400 30N 30 G, J, K 25 250 2350 0.300 400 33N 33 G, J, K 25 250 2350 0.350 400 36N 36 G, J, K 26 250 2320 0.400 320 39N 39 G, J, K 25 250 2100 0.500 200 40N 40 G, J, K 26 250 2240 0.550 200 43N 43 G, J, K 25 250 2030 0.700 150 47N 47 G, J, K 20 250 2100 0.750 150 51N 51 G, J, K 25 250 1750 0.820 100 56N 56 G, J, K 25 250 1760 0.970 100 62N 62 G, J, K 25 250 1620 0.970 100 68N 68 G, J, K 25 250 1620 1.120 100 72N 72 G, J, K 25 250 1620 1.550 100 82N 82 J, K 25 250 1620 1.550 100 R10 100 J, K 25 250 1620 2.600 100 R12 120 J, K 25 250 1520 2.700 90 R15 150 J, K 25 250 1200 2.900 80 |