| データシートサーチシステム |
|
IL600 データシート(PDF) 7 Page - NVE Corporation |
|
|
|||||||||||||||||||||||||||||
IL600 データシート(HTML) 7 Page - NVE Corporation |
|
7 / 8 page ![]() Parameter Min. Typ. Max. Units Data Rate (A-Series) 100 (10) Mbps Pulse Width Distortion 3 5 ns Propagation Delay 8 15 ns Propagation Delay Skew 4 6 ns Pulse Jitter 100 ps Transient Immunity 15 20 kV/μs Temperature Range –40 +85 °C IL600-Series Isolators NVE Corporation (952) 829-9217 iso-apps@nve.com www.IsoLoop.com www.IsoLoop.com Award-Winning Flexibility Award-winning IL600 and IL600A Series Isolators provide unique passive inputs. The IL600-Series has CMOS outputs and the IL600A-Series has open-drain outputs. Unlike other isolators, the IL600 and IL600A- Series can be configured for inverting or non- inverting inputs. IL600 and IL600A-Series Isolators are available in PDIP, SOIC, and unique MSOP packages. Parts are also available as bare die for chip-on-board assembly. IL600-Series Applications IsoLoop Isolators are faster, more reliable, and simpler than optocouplers. Popular IL600- Series Isolator applications include optocoupler replacements, differential line receivers, SPI interfaces, and space-critical applications. OUT 1 V OE OUT 1 OUT 2 OUT 1 IN 2 OUT 1 OUT 2 OUT 3 IN 1 IN 1 IN 2 IN 1 OUT 2 IN 1 IN 2 IN 3 V DD1 V DD2 IL610 IL611 IL612 IL613 IL614 OUT 1 IN 2 IN 3 IN 1 OUT 2 OUT 3 COIL RE IN 1 OUT 2 IN 1 IN 1 IN 2 GND OUT 1 IN 2 V OE OUT 1 GND OUT 1 OUT 2 GND GND V DD2 V DD1 IL610A IL611A IL612A |