データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FEMTOSMDC035F データシート(PDF) 19 Page - Littelfuse

部品番号 FEMTOSMDC035F
部品情報  PolySwitch Resettable Devices Surface-mount Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

FEMTOSMDC035F データシート(HTML) 19 Page - Littelfuse

Back Button FEMTOSMDC035F Datasheet HTML 12Page - Littelfuse FEMTOSMDC035F Datasheet HTML 13Page - Littelfuse FEMTOSMDC035F Datasheet HTML 14Page - Littelfuse FEMTOSMDC035F Datasheet HTML 15Page - Littelfuse FEMTOSMDC035F Datasheet HTML 16Page - Littelfuse FEMTOSMDC035F Datasheet HTML 17Page - Littelfuse FEMTOSMDC035F Datasheet HTML 18Page - Littelfuse FEMTOSMDC035F Datasheet HTML 19Page - Littelfuse FEMTOSMDC035F Datasheet HTML 20Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
133
RoHS Compliant, ELV Compliant
HF Halogen Free
12
A0
1.00 ± 0.1
1.00 ± 0.1
1.55 ± 0.1
1.60 ± 0.1
1.95 ± 0.1
1.95 ± 0.1
B0
1.85 ± 0.1
1.85 ± 0.1
2.50 ± 0.1
2.45 ± 0.1
3.50 +0.1/-0.08
3.5 ± 0.1
K0
0.90 ± 0.1
0.80 ± 0.1
0.86 ± 0.1
1.35 ± 0.1
0.89 ± 0.1
1.27 ± 0.1
A max.
185
185
330
330
330
330
N min.
50
50
60
50
50
50
W1
8.4 + 1.5/-.00
12.4 + 2.0/-.00
24.4 + 2.0/-.00
16.4 + 2.0/-.00
16.4 + 2.0/-.00
16.4 + 2.0/-.00
W2 max.
14.4
18.4
30.4
22.4
22.4
22.4
femto/pico/nano/microSMD
miniSMDC
miniSMDE190
midSMD
SMD
SMD2
All
microSMD series
except
microSMD200F
nanoSMDC012F
nanoSMDC016F
nanoSMDC200F
All
nanoSMDC series
except
nanoSMDC012F
nanoSMDC016F
nanoSMDC200F
picoSMDC010S
picoSMDC050S
picoSMDC075S
picoSMDC110S
A0
2.9 ± 0.1
2.9 ± 0.1
3.5 ± 0.1
3.7 ± 0.1
3.7 ± 0.1
5.0 ± 0.1
B0
3.5 ± 0.1
3.5 ± 0.1
4.95 ± 0.1
4.9 ± 0.1
4.9 ± 0.1
5.4 ± 0.1
K0
0.9 ± 0.1
1.27 ± 0.1
0.9 ± 0.1
1.4 ± 0.1
1.78 ± 0.1
1.7 ± 0.1
miniSMDC014F~075F
miniSMDC100F~110F/16
miniSMDC125F~150F/16
miniSMDC160F~260F
miniSMDC075F/24
miniSMDC110F/24
miniSMDC260F/12
miniSMDC260F/13.2
miniSMDC260F/16
miniSMDC150F/24
decaSMDC050F/60
microSMD200F
picoSMDC012S
picoSMDC020S
picoSMDC035S
femtoSMDC012F
femtoSMDC016F
femtoSMDC020F
femtoSMDC005F
femtoSMDC008F
femtoSMDC010F
femtoSMDC035F
Table S8 Tape and Reel Specifications for Surface-mount Devices (in Millimeters)
Table S9 Reel Dimensions for Surface-mount Devices (in Millimeters)
P
0
E
1
E
2
F
W
P
2
D
0
A
0
B
0
P
1
B
1
T
1
K
0
T
Cover tape
Embossment
Center lines
of cavity
A
Cover tape
Embossed cavity
Carrier tape
N (hub dia.)
W
2 (measured at hub)
W
1 (measured at hub)
Figure S15 EIA Referenced Taped Component Dimensions for Surface-mount Devices
Figure S16 EIA Referenced Reel Dimensions for Surface-mount Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20