| データシートサーチシステム |
|
2/09R1 データシート(PDF) 5 Page - Pentair Equipment Protection - Hoffman |
|
|
|||||||||||||||||||||||||||||
2/09R1 データシート(HTML) 5 Page - Pentair Equipment Protection - Hoffman |
|
5 / 38 page ![]() TOC HOFFMAN PRODUCTS hoffmanproducts.com • 1-800-645-2014 5 RING TERMINALS 2 AWG Non-Insulated Ring Material: Tin Plated Copper with Brazed Seam Maximum Electrical Current: 170 Amps Barrel ID(d1): .370 Material Thickness (T): .071 Barrel OD (D): .524 Barrel Length (E): .551 DIMENSIONS (INCHES) TAPE DIE FOR HOFFMAN STUD STUD TONGUE STUD LENGTH MOUNTED TAPE HAND TOOL PART NO. SIZE DIAMETER WIDTH CLEARANCE UL REEL QTY MOUNTED d2 W F L 2S5R1 10 .209 .602 .685 1.535 Y NA NA 2S6R1 1/4 .252 .602 .685 1.535 Y NA NA 2S8R1 5/16 .331 .602 .685 1.535 Y NA NA AK150 2S9R1 3/8 .413 .602 .685 1.535 Y NA NA 29R1 3/8 .413 .866 .697 1.681 Y NA NA 211R1 7/16 .453 .866 .697 1.681 Y NA NA 213R1 1/2 .512 .866 .697 1.681 Y NA NA 1/0 AWG Non-Insulated Ring Material: Tin Plated Copper with Brazed Seam Maximum Electrical Current: 230 Amps Barrel ID(d1): .449 Material Thickness (T): .071 Barrel OD (D): .606 Barrel Length (E): .709 DIMENSIONS (INCHES) TAPE DIE FOR HOFFMAN STUD STUD TONGUE STUD LENGTH MOUNTED TAPE HAND TOOL PART NO. SIZE DIAMETER WIDTH CLEARANCE UL REEL QTY MOUNTED d2 W F L 1/06R1 1/4 .252 .866 .815 1.957 Y NA NA 1/08R1 5/16 .331 .866 .815 1.957 Y NA NA 1/09R1 3/8 .413 .866 .815 1.957 Y NA NA AK150 1/011R1 7/16 .453 .866 .815 1.957 Y NA NA 1/013R1 1/2 .512 .866 .815 1.957 Y NA NA 1/016R1 5/8 .669 1.260 .925 2.264 Y NA NA 2/0 AWG Non-Insulated Ring Material: Tin Plated Copper with Brazed Seam Maximum Electrical Current: 265 Amps Barrel ID(d1): .524 Material Thickness: .079 Barrel OD (D): .689 Barrel Length (E): .709 DIMENSIONS (INCHES) TAPE DIE FOR HOFFMAN STUD STUD TONGUE STUD LENGTH MOUNTED TAPE HAND TOOL PART NO. SIZE DIAMETER WIDTH CLEARANCE UL REEL QTY MOUNTED d2 W F L 2/06R1 1/4 .252 .945 .787 1.969 Y NA NA 2/08R1 5/16 .331 .945 .787 1.969 Y NA NA 2/09R1 3/8 .413 .945 .787 1.969 Y NA NA AK150 2/011R1 7/16 .453 .945 .787 1.969 Y NA NA 2/013R1 1/2 .512 .945 .787 1.969 Y NA NA 2/016R1 5/8 .669 1.260 1.024 2.402 Y NA NA BACK BACK |