| データシートサーチシステム |
|
E3JM-R4R4T-G データシート(PDF) 7 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3JM-R4R4T-G データシート(HTML) 7 Page - Omron Electronics LLC |
|
7 / 10 page ![]() 7 E3JM Switch Selection Connecting and Wiring Recommended outer diameter of cables is from 6 to 8 dia. Be sure to firmly tighten the cover in order to maintain waterproof and dustproof properties. Cable End Treatment Adjust the four wires to the same length when the Ta output is to be used only. If both the Ta and Tb outputs are to be used, treat them as shown in the following diagram. Recommended Crimp Terminal Dimensions (Unit: mm) Note: Use terminals with insulation tube (recommended crimp terminal: 1.25 to 3.5). Terminal Protection Cover (Accessory) The terminal protection cover is designed to improve safety by maintaining the sensitivity properties of the product and by pre- venting any contact with charged sections while it is being oper- ated with the mode set to the timer mode. Mount the product as shown in the following diagram (mount the Through-beam Model on the Receiver side). Output Relay Contact If a load, such as contactor or valve is used that may produce arc when it is turned OFF, the NC (or NO) side may turn ON before the NO (or NC) side is turned OFF. When using both the NC and NO outputs, use an arc killer. Connecting and Wiring DC SSR Output Models When using the DC SSR output model, the total of the load cur- rent for the Light-ON output (NO) and that for the Dark-ON (NC) should be 100 mA max. If the total exceeds 100 mA, the load short-circuit protection function will be activated (this function will be reset when the power of the Photoelectric Sensor is turned OFF ). MODE 0 1 D·ON L·ON SW1 SW2 TIMER Both SW1 and SW2 at "0." MODE 0 1 D·ON L·ON SW1 SW2 TIMER Only SW2 at "1." MODE 0 1 D·ON L·ON SW1 SW2 TIMER Only SW1 at "1," which overrides either setting of SW2. ON-delay OFF-delay One-shot delay Note: The switch for the operating mode is the same as that for models without a timer. Models without Timer Models with Timer D·ON L·ON Light-ON, Transistor output ON D·ON L·ON Dark-ON, Transistor output ON MODE 0 1 MODE 0 1 Round type Fork type Approx. 45 mm Approx. 55 mm Power source Tc, Ta Tightening nut (accessory) (See note.) Washer (accessory) (See note.) Rubber bushing (accessory) (See note.) 10 max. 7 max. 3.6 dia. min. 19 max. 7 max. (After crimping) 19 max. (After crimping) 10 max. 7 max. 3.6 dia. min. 7 max. Terminal protection cover E3JM |