データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SA1648A データシート(PDF) 2 Page - Inchange Semiconductor Company Limited

部品番号 2SA1648A
部品情報  Silicon PNP Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1648A データシート(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA1648A Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1648A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Silicon PNP Power Transistor
2SA1648A
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= -10mA, IB= -0.3A
-60
--
--
V
ICBO
Collector Cutoff Current
VCE= -60V, IE= 0A
--
--
-10
uA
IEBO
Emitter Cutoff Current
VEB= -5V, IC= 0A
--
--
-10
uA
hFE1
DC Current Gain
IC= -0.5A, VCE= -2.0V
100
--
--
hFE2
DC Current Gain
IC= -1.0A, VCE= -2.0V
100
200
400
hFE3
DC Current Gain
IC= -3.0A, VCE= -2.0V
60
--
--
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -3.0A, IB= -0.15A
--
--
-0.3
V
IC= -4.0A, IB= -0.2A
--
--
-0.5
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= -3.0A, IB= -0.15A
--
--
-1.2
V
IC= -4.0A, IB= -0.2A
--
--
-1.5
V
hFE CLASSIFICATION
Making
M
L
K
hFE2
100-200
150-300
200-400
PRODUCT DISCLAIMER
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.
ISC products are intended for usage in general electronic equipment. The products are not designed for
use in equipment which require specialized quality and/or reliability, or in equipment which could have
applications in hazardous environments, aerospace industry, or medical field. Please contact us if you
intend our products to be used in these special applications.
ISC makes no warranty or guarantee regarding the suitability of its products for any particular purpose,
nor does ISC assume any liability arising from the application or use of any products, and specifically
disclaims any and all liability, including without limitation special, consequential or incidental damages.
It is strictly prohibited to reprint or copy part or all of this datasheet without permission from ISC.



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com