| データシートサーチシステム |
|
ACT5101 データシート(PDF) 39 Page - Qorvo, Inc |
|
|
|||||||||||||||||||||||||||||
ACT5101 データシート(HTML) 39 Page - Qorvo, Inc |
|
39 / 59 page ![]() Data Sheet Rev. E, November 2019 | Subject to change without notice 39 of 59 www.qorvo.com © 2020 Qorvo US, Inc. All rights reserved. ACT510x 23V Buck-Boost Converter with Integrated MOSFETs REG 0x00: Main Control 1 (R/W) (VM) Bit Name Default Value Description Comment 7 HIZ 0 0: Not forced to HIZ mode 1: Forced to HIZ mode If this bit = 0, the IC can enter the POWER ON state (turn output on) normally. If this bit = 1, the IC is forced into HIZ mode. This bit overrides the EN pin and the OVERRIDE_EN register. 6 RFU 0 Reserved for future use. Do not change. 5 RFU 0 Reserved for future use. Do not change. 4 RFU 0 Reserved for future use. Do not change. 3 RFU 0 Reserved for future use. Do not change. 2 WATCHDOG_RESET 0 0: Normal 1: Reset I2C Watchdog Timer Reset This must be written to 1 before Watchdog timer expires, if Watchdog timer is enabled. This is auto clearing when writing to a 1. 1 Audio Frequency Limit 0 0: Disabled 1: Enabled 0: Disabled 1: Enabled to set the minimum switching frequency to 31.25kHz to avoid audio noise 0 REGISTER_RESET 0 1: Reset Registers to Default Register is self-clearing. Write to 1 resets all registers to their default values. This bit automatically clears back to a 0 after a write. |