| データシートサーチシステム |
|
331 データシート(PDF) 18 Page - Abbatron All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
331 データシート(HTML) 18 Page - Abbatron All Rights Reserved |
|
18 / 60 page ![]() 16 • Fluted or hex insulated post heads are molded Lexan poly- carbonate. Captivated to prevent loss. • Body is brass with tin plating. • Insulated washers are molded polycarbonate and completely insulate post from panel. Keyed to panel and body to prevent rotation. • Body mounts into dual holes with 3/4” centers. • Connects with .080” phone tip plug, 1/4" spade lug, standard banana plug, alligator clip, wire (to #14) and shorting links. • To connect circuit, wrap wire around solder turret or attach to solder lug between nuts (lug not supplied). • Please refer to Table A (page 12) for ratings. • All posts shown are available as black, red or red and black in the table. PART MNTG. POST HEAD HEAD NO. HOLE THREAD SHAPE COLORS 269BB Black - Black 269RB Red - Black 269RR Red - Red 1813BB Black - Black 1813RB Red - Black 1813RR Red - Red 1477BB Black - Black 1477RB Red - Black 1477RR Red - Red 1814BB Black - Black 1814RB Red - Black 1814RR Red - Red 1809BB Black - Black 1809RB Red - Black 1809RR Red - Red C D FIG. 1/2 3/8 Hex 10-32 6-32 8-32 Fluted A B Dual Binding Posts D C B A HH Smith |