データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

7269/01 データシート(PDF) 9 Page - Carclo Technical Plastics Limited

部品番号 7269/01
部品情報  OPTICS CATALOGUE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COIL [Carclo Technical Plastics Limited]
ホームページ  https://www.coil.co.uk/
Logo COIL - Carclo Technical Plastics Limited

7269/01 データシート(HTML) 9 Page - Carclo Technical Plastics Limited

Back Button 7269/01 Datasheet HTML 5Page - Carclo Technical Plastics Limited 7269/01 Datasheet HTML 6Page - Carclo Technical Plastics Limited 7269/01 Datasheet HTML 7Page - Carclo Technical Plastics Limited 7269/01 Datasheet HTML 8Page - Carclo Technical Plastics Limited 7269/01 Datasheet HTML 9Page - Carclo Technical Plastics Limited 7269/01 Datasheet HTML 10Page - Carclo Technical Plastics Limited 7269/01 Datasheet HTML 11Page - Carclo Technical Plastics Limited 7269/01 Datasheet HTML 12Page - Carclo Technical Plastics Limited 7269/01 Datasheet HTML 13Page - Carclo Technical Plastics Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
PROFESSIONAL
RAYLITE ILLUMINATED MAGNIFIERS
HEAD ONLY
Dioptres/ Mag*
Lens
Image
Effective
Field of View
Diameter (mm)
Vergence
Focal Length (mm) on Page (mm)
Low Powered Raylites
11.7D / 3.9x
64.0
-4.0D
85.60
58.0
14.8D / 4.7x
49.8
-4.0D
68.40
44.0
17.7D / 5.4x
49.6
-4.0D
56.60
44.0
24.2D / 7.1x
38.0
-4.0D
41.30
32.0
High Powered Raylites
31.0D / 8.7x
41.4
-2.5D
32.30
36.0
36.4D / 10.1x
36.0
-2.5D
27.50
34.0
44.0D / 12.0x
30.8
-2.5D
22.70
29.0
54.9D / 14.7x
30.8
-2.5D
18.20
26.0
Rectangular Raylites
7.2D / 2.8x
101.2 x 79
-4.0D
37.70
99 x 73
Transformer included with 6400/10 (UK), 6400/11 (EU) and 6400/12 (USA)
7259/01
7269/01
7279/01
7289/01
7299/01
7309/01
7319/01
7329/01
7400/01
* Magnifier conforms to BS EN ISO 15253: 2000 except that trade magnification is quoted instead of nominal magnification and is calculated using (1+ Equivalent Power/4)
** For LED version with transformer refer to separate ‘Auto Raylite’ sheet.Batteries are not included. For latest product information refer to the COIL website: www.coil.co.uk
Product
Code
09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24