| データシートサーチシステム |
|
6262/01 データシート(PDF) 7 Page - Carclo Technical Plastics Limited |
|
|
|||||||||||||||||||||||||||||
6262/01 データシート(HTML) 7 Page - Carclo Technical Plastics Limited |
|
7 / 24 page ![]() PROFESSIONAL RAYLITE ILLUMINATED MAGNIFIERS STANDARD BATTERY RAYLITE • Tungsten Bulb • Two C size batteries required Package includes handle, head and spare bulb. Boxed with instructions. Dioptres/ Mag* Lens Image Effective Field of View Diameter (mm) Vergence Focal Length (mm) on Page (mm) Low Powered Raylites 11.7D / 3.9x 64.0 -4.0D 85.60 58.0 14.8D / 4.7x 49.8 -4.0D 68.40 44.0 17.7D / 5.4x 49.6 -4.0D 56.60 44.0 24.2D / 7.1x 38.0 -4.0D 41.30 32.0 High Powered Raylites 31.0D / 8.7x 41.4 -2.5D 32.30 36.0 36.4D / 10.1x 36.0 -2.5D 27.50 34.0 44.0D / 12.0x 30.8 -2.5D 22.70 29.0 54.9D / 14.7x 30.8 -2.5D 18.20 26.0 Rectangular Raylites 7.2D / 2.8x 101.2 x 79 -4.0D 37.70 99 x 73 Transformer included with 6400/10 (UK), 6400/11 (EU) and 6400/12 (USA) 6259 6269 6279 6289 6299 6309 6319 6329 6400 Handle Only 6260 Bulb Pack (5 per pack) 6260/01 XENON BATTERY RAYLITE • Xenon Bulb • Three C size batteries required Package includes handle, head and spare bulb. Boxed with instructions. Dioptres/ Mag* Lens Image Effective Field of View Diameter (mm) Vergence Focal Length (mm) on Page (mm) Low Powered Raylites 11.7D / 3.9x 64.0 -4.0D 85.60 58.0 14.8D / 4.7x 49.8 -4.0D 68.40 44.0 17.7D / 5.4x 49.6 -4.0D 56.60 44.0 24.2D / 7.1x 38.0 -4.0D 41.30 32.0 High Powered Raylites 31.0D / 8.7x 41.4 -2.5D 32.30 36.0 36.4D / 10.1x 36.0 -2.5D 27.50 34.0 44.0D / 12.0x 30.8 -2.5D 22.70 29.0 54.9D / 14.7x 30.8 -2.5D 18.20 26.0 Rectangular Raylites 7.2D / 2.8x 101.2 x 79 -4.0D 37.70 99 x 73 Transformer included with 6400/10 (UK), 6400/11 (EU) and 6400/12 (USA) 6259/14 6269/14 6279/14 6289/14 6299/14 6309/14 6319/14 6329/14 6400/14 Handle Only 6260/14 Bulb Pack (5 per pack) 6260/11 * Magnifier conforms to BS EN ISO 15253: 2000 except that trade magnification is quoted instead of nominal magnification and is calculated using (1+ Equivalent Power/4) ** For LED version with transformer refer to separate ‘Auto Raylite’ sheet.Batteries are not included. For latest product information refer to the COIL website: www.coil.co.uk Product Code Product Code 07 |