| データシートサーチシステム |
|
869 データシート(PDF) 37 Page - Abbatron All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
869 データシート(HTML) 37 Page - Abbatron All Rights Reserved |
|
37 / 60 page ![]() Hole Plugs 35 www.abbatron.com Contact our Sales Department at 1-888-847-6484 PART HOLE NO.OF NO. DIA. PRONGS 650 1/4 13/32 15/64 651 5/16 7/16 1/4 652 3/8 1/2 15/64 653 1/2 21/32 9/32 654 5/8 13/16 655 3/4 59/64 608 7/8 1-1/16 1/16 612 1 1-9/64 21/64 3/32 656 1 6 1-5/32 19/64 3084 1-1/8 1-5/16 3085 1-1/4 1-7/16 3/32 3086 1-3/8 1-9/16 5/64 3087 1-1/2 1-41/64 3/32 19/64 11/32 DIA. LENGTH HEIGHT 5/64 6 8 12 12 13/32 1/16 5/64 • Hole plugs are black, type 6/6 nylon. • Part number 3083 is vented. • Hole plugs are nickel plated steel. • Prongs are adjustable to ensure a snug fit. • Part number 656 is vented. PART HOLE DIA. HEIGHT MAX NO. DIA. A B CHASSIS 3089 1/4 5/16 3090 5/16 3/8 3091 3/8 15/32 3092 1/2 67/64 3093 5/8 23/32 3094 3/4 27/32 3095 1-1/8 3083 1-13/64 3096 1-1/8 1-7/32 3097 1-1/4 1-3/8 3098 1-3/8 1-1/2 3099 1-1/2 1-43/64 1/16 1/8 1 5/16 13/32 29/64 |