| データシートサーチシステム |
|
3003 データシート(PDF) 23 Page - Abbatron All Rights Reserved |
|
|
|||||||||||||||||||||||||||||
3003 データシート(HTML) 23 Page - Abbatron All Rights Reserved |
|
23 / 60 page ![]() Insulated Banana Plugs 21 289 Shrouded Safety Banana Plug • Brass body has beryllium copper caged spring and is gold plated. • Housing is molded nylon type 6/6. • Plug is supplied unassembled for immediate application. Available in red (-102) or black (-103). • Each plug shown below has a special feature and each is machined from brass and is nickel plated. Insulating material is indicated in table. • Available in red (-102) or black (-103). Please add color as suffix to part number. PART NO. ILLUS. TYPE HANDLE WIRING RATING 255 A Right Angle ABS Solder Well 10 Amps - 1KV 285 B Giant Nylon Solder Well 25 Amps - 2KV A B www.abbatron.com Contact our Sales Department at 1-888-847-6484 289 |