| データシートサーチシステム |
|
ENA1P-D28-R00064L データシート(PDF) 1 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
ENA1P-D28-R00064L データシート(HTML) 1 Page - Bourns Electronic Solutions |
|
1 / 5 page ![]() EN - Rotary Optical Encoder Features n Two channel quadrature output n Bushing or servo mount n Square wave signal n Small size n Resolution to 256 PPR n CMOS and TTL compatible n Long life n Ball bearing option for high operating speed up to 3000 rpm n RoHS compliant* General Information The Bourns® EN model is a self-contained rotary optical encoder. It produces a 2-bit quadrature signal which is suitable for digital systems where both magnitude and direction of adjustment must be provided. The EN encoder is ideal for use as a digital panel control or as a position sensing device in applications where long life, reliability, high resolution and precise linearity are critical. The EN series encoder converts rotary input into electrical signals which can be used by microprocessors without A/D conversion. Bourns encoder output signals are square wave digital pulses which do not require debounce circuitry. Both features make it possible to significantly reduce the memory overhead, wiring and wiring interconnects required by other types of control devices. EN optical encoders offer a useful rotational life of from 10 million to 200 million shaft revolutions, making them ideal for extended service applications. The Bourns encoder is also compact and well suited for situations where the available space is limited. Electrical Characteristics Output....................................................................................2-bit quadrature code, Channel A leads Channel B by 90 º (electrical) with clockwise rotation Resolution................................................................................................................................................................................25 to 256 cycles per revolution Insulation Resistance (500 VDC) ...................................................................................................................................................................1,000 megohms Electrical Travel .....................................................................................................................................................................................................Continuous Supply Voltage......................................................................................................................................................................................... 5.0 VDC ±0.25 VDC Supply Current...............................................................................................................................................................................................26 mA maximum Output Voltage Low Output ................................................................................................................................................................................................. 0.8 V maximum High Output..................................................................................................................................................................................................... 4 V minimum Output Current Low Output .................................................................................................................................................................................................25 mA minimum Rise/Fall Time..................................................................................................................................................................................................200 ns (typical) Shaft RPM (Ball Bearing) ........................................................................................................................................................................3,000 rpm maximum Power Consumption .................................................................................................................................................................................. 136 mW maximum Pulse Width (Electrical Degrees, Each Channel) ............................................................................................................................................180 º ±45 º typ. Pulse Width (Index Channel)..................................................................................................................................................................................360 º ±90 º Phase (Electrical Degrees, Channel A to Channel B)........................................................................................................................................90 º ±45 º typ. Environmental Characteristics Operating Temperature Range.......................................................................................................................................-40 ºC to +75 ºC (-40 °F to +167 °F) Storage Temperature Range ..........................................................................................................................................-40 °C to +85 °C (-40 °F to +185 °F) Humidity................................................................................................................................................................. MIL-STD-202, Method 103B, Condition B Vibration ............................................................................................................................................................................................................................5 G Shock...............................................................................................................................................................................................................................50 G Rotational Life A & C Bushings (300 rpm maximum)**............................................................................................................................................10,000,000 revolutions W, S & T Bushings (3,000 rpm maximum)**..................................................................................................................................200,000,000 revolutions IP Rating..........................................................................................................................................................................................................................IP 40 **For resolutions ≤ 128 quadrature cycles per shaft revolution. Additional Information Click these links for more information: PRODUCT TECHNICAL LIBRARY INVENTORY SAMPLES CONTACT Specifications are subject to change without notice. Users should verify actual device performance in their specific applications. The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf. WARNING Cancer and Reproductive Harm www.P65Warnings.ca.gov *RoHS Directive 2015/863, Mar 31, 2015 and Annex. Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com Europe: Tel: +36 88 885 877 • Email: eurocus@bourns.com The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com www.bourns.com |
同様の部品番号 - ENA1P-D28-R00064L |
|
同様の説明 - ENA1P-D28-R00064L |