データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7406 データシート(PDF) 44 Page - STMicroelectronics

部品番号 TDA7406
部品情報  Car radio signal processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7406 データシート(HTML) 44 Page - STMicroelectronics

Back Button TDA7406 Datasheet HTML 40Page - STMicroelectronics TDA7406 Datasheet HTML 41Page - STMicroelectronics TDA7406 Datasheet HTML 42Page - STMicroelectronics TDA7406 Datasheet HTML 43Page - STMicroelectronics TDA7406 Datasheet HTML 44Page - STMicroelectronics TDA7406 Datasheet HTML 45Page - STMicroelectronics TDA7406 Datasheet HTML 46Page - STMicroelectronics TDA7406 Datasheet HTML 47Page - STMicroelectronics TDA7406 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
Testmode
TDA7406
44/64
12
Testmode
During the Testmode, which can be activated by setting bit I2 of the subaddress byte and bit
D1 of the stereodecoder testing-byte, several internal signals are available at the FD2R+
pin. During this mode the input resistance of 100kOhm is disconnected from the pin. The
internal signals available are shown in the Data-byte specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64