データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10F272M データシート(PDF) 54 Page - STMicroelectronics

部品番号 ST10F272M
部品情報  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M データシート(HTML) 54 Page - STMicroelectronics

Back Button ST10F272M Datasheet HTML 50Page - STMicroelectronics ST10F272M Datasheet HTML 51Page - STMicroelectronics ST10F272M Datasheet HTML 52Page - STMicroelectronics ST10F272M Datasheet HTML 53Page - STMicroelectronics ST10F272M Datasheet HTML 54Page - STMicroelectronics ST10F272M Datasheet HTML 55Page - STMicroelectronics ST10F272M Datasheet HTML 56Page - STMicroelectronics ST10F272M Datasheet HTML 57Page - STMicroelectronics ST10F272M Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 175 page
background image
Interrupt system
ST10F272M
54/176
available vector. If more than one source is enabled to issue the request, the service routine
will have to take care to identify the real event to be serviced. This can easily be done by
checking the flag bits (Byte Low of XIRxSEL register). Note that the flag bits can also
provide information about events which are not currently serviced by the interrupt controller
(since they are masked through the enable bits), allowing an effective software management
even if the related interrupt request cannot be served: A periodic polling of the flag bits may
be implemented inside the user application.
Figure 9.
X-Interrupt basic structure
Table 30 summarizes the mapping of the different interrupt sources which shares the four X-
interrupt vectors.
Table 30.
X-Interrupt detailed mapping
Interrupt source
XP0INT
XP1INT
XP2INT
XP3INT
CAN1 Interrupt
xx
CAN2 Interrupt
xx
I2C Receive
xxx
I2C Transmit
xxx
I2C Error
x
SSC1 Receive
xxx
SSC1 Transmit
xxx
SSC1 Error
x
ASC1 Receive
xxx
ASC1 Transmit
xxx
ASC1 Transmit Buffer
xxx
XIRxSEL[7:0] (x = 0, 1, 2, 3)
XIRxSEL[15:8] (x = 0, 1, 2, 3)
XPxIC.XPxIR (x = 0, 1, 2, 3)
7
0
15
8
IT Source 7
IT Source 6
IT Source 5
IT Source 4
IT Source 3
IT Source 2
IT Source 1
IT Source 0
Enable[7:0]
Flag[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More