データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST10F272M データシート(PDF) 172 Page - STMicroelectronics

部品番号 ST10F272M
部品情報  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M データシート(HTML) 172 Page - STMicroelectronics

Back Button ST10F272M Datasheet HTML 167Page - STMicroelectronics ST10F272M Datasheet HTML 168Page - STMicroelectronics ST10F272M Datasheet HTML 169Page - STMicroelectronics ST10F272M Datasheet HTML 170Page - STMicroelectronics ST10F272M Datasheet HTML 171Page - STMicroelectronics ST10F272M Datasheet HTML 172Page - STMicroelectronics ST10F272M Datasheet HTML 173Page - STMicroelectronics ST10F272M Datasheet HTML 174Page - STMicroelectronics ST10F272M Datasheet HTML 175Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 172 / 175 page
background image
Package information
ST10F272M
172/176
Figure 64.
LQFP144 mechanical data and package dimension
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
1.60
0.063
A1
0.05
0.15
0.002
0.006
A2
1.35
1.40
1.45
0.053
0.055
0.057
B
0.17
0.22
0.27
0.007
0.009
0.011
C
0.09
0.20
0.003
0.008
D
22.00
0.866
D1
20.00
0.787
D3
17.50
0.689
e
0.50
0.020
E
22.00
0.866
E1
20.00
0.787
E3
17.50
0.689
L
0.45
0.60
0.75
0.018
0.024
0.030
L1
1.00
0.0393
K
3.5˚ (min.), 7˚(max.)
TQFP144
(20x20x1.40mm)
0099183 B
Note 1: Exact shape of each corner is optional.
LQFP144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More