| データシートサーチシステム |
|
ST10F271Z1T3 データシート(PDF) 100 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F271Z1T3 データシート(HTML) 100 Page - STMicroelectronics |
|
100 / 173 page ![]() System reset ST10F271 100/173 Table 49. Reset event Event RSTIN WDTCON Flags min max Power-on Reset 0 0 N Asynch. 1 ms (VREG) 1.2 ms (Reson. + PLL) 10.2 ms (Crystal + PLL) - 11 11 0 0 1 N Asynch. 1ms (VREG) - 1 1 1 1 0 1 x x FORBIDDEN x x Y NOT APPLICABLE Hardware Reset (Asynchronous) 0 0 N Asynch. 500ns - 0 1 1 1 0 0 1 N Asynch. 500ns - 0 1 1 1 0 0 0 Y Asynch. 500ns - 0 1 1 1 0 0 1 Y Asynch. 500ns - 0 1 1 1 0 Short Hardware Reset (Synchronous) (1) 1 0 N Synch. max (4 TCL, 500ns) 1032 + 12 TCL + max(4 TCL, 500ns) 00 11 0 1 1 N Synch. max (4 TCL, 500ns) 1032 + 12 TCL + max(4 TCL, 500ns) 00 11 0 1 0 Y Synch. max (4 TCL, 500ns) 1032 + 12 TCL + max(4 TCL, 500ns) 00 11 0 Activated by internal logic for 1024 TCL 1 1 Y Synch. max (4 TCL, 500ns) 1032 + 12 TCL + max(4 TCL, 500ns) 00 11 0 Activated by internal logic for 1024 TCL Long Hardware Reset (Synchronous) 1 0 N Synch. 1032 + 12 TCL + max(4 TCL, 500ns) - 0 11 10 1 1 N Synch. 1032 + 12 TCL + max(4 TCL, 500ns) - 0 11 10 1 0 Y Synch. 1032 + 12 TCL + max(4 TCL, 500ns) - 01 11 0 Activated by internal logic only for 1024 TCL 1 1 Y Synch. 1032 + 12 TCL + max(4 TCL, 500ns) - 01 11 0 Activated by internal logic only for 1024 TCL Software Reset (2) x 0 N Synch. Not activated 0 0 0 1 0 x 0 N Synch. Not activated 0 0 0 1 0 0 1 Y Synch. Not activated 0 0 0 1 0 1 1 Y Synch. Activated by internal logic for 1024 TCL 0 0 0 1 0 |