データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6740LTR データシート(PDF) 17 Page - STMicroelectronics

部品番号 L6740LTR
部品情報  Hybrid controller (41) for AMD SVID and PVID processors
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6740LTR データシート(HTML) 17 Page - STMicroelectronics

Back Button L6740LTR Datasheet HTML 13Page - STMicroelectronics L6740LTR Datasheet HTML 14Page - STMicroelectronics L6740LTR Datasheet HTML 15Page - STMicroelectronics L6740LTR Datasheet HTML 16Page - STMicroelectronics L6740LTR Datasheet HTML 17Page - STMicroelectronics L6740LTR Datasheet HTML 18Page - STMicroelectronics L6740LTR Datasheet HTML 19Page - STMicroelectronics L6740LTR Datasheet HTML 20Page - STMicroelectronics L6740LTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
L6740L
Hybrid CPU support and CPU_TYPE detection
17/44
Table 6.
Voltage identifications (VID) codes for PVI mode
VID5 VID4 VID3 VID2 VID1 VID0
Output
voltage
VID5 VID4 VID3 VID2 VID1 VID0
Output
voltage
0000
00
1.5500
1
0
0
0
0
0
0.7625
0000
01
1.5250
1
0
0
0
0
1
0.7500
0000
10
1.5000
1
0
0
0
1
0
0.7375
0000
11
1.4750
1
0
0
0
1
1
0.7250
0001
00
1.4500
1
0
0
1
0
0
0.7125
0001
01
1.4250
1
0
0
1
0
1
0.7000
0001
10
1.4000
1
0
0
1
1
0
0.6875
0001
11
1.3750
1
0
0
1
1
1
0.6750
0010
00
1.3500
1
0
1
0
0
0
0.6625
0010
01
1.3250
1
0
1
0
0
1
0.6500
0010
10
1.3000
1
0
1
0
1
0
0.6375
0010
11
1.2750
1
0
1
0
1
1
0.6250
0011
00
1.2500
1
0
1
1
0
0
0.6125
0011
01
1.2250
1
0
1
1
0
1
0.6000
0011
10
1.2000
1
0
1
1
1
0
0.5875
0011
11
1.1750
1
0
1
1
1
1
0.5750
0100
00
1.1500
1
1
0
0
0
0
0.5625
0100
01
1.1250
1
1
0
0
0
1
0.5500
0100
10
1.1000
1
1
0
0
1
0
0.5375
0100
11
1.0750
1
1
0
0
1
1
0.5250
0101
00
1.0500
1
1
0
1
0
0
0.5125
0101
01
1.0250
1
1
0
1
0
1
0.5000
0101
10
1.0000
1
1
0
1
1
0
0.4875
0101
11
0.9750
1
1
0
1
1
1
0.4750
0110
00
0.9500
1
1
1
0
0
0
0.4625
0110
01
0.9250
1
1
1
0
0
1
0.4500
0110
10
0.9000
1
1
1
0
1
0
0.4375
0110
11
0.8750
1
1
1
0
1
1
0.4250
0111
00
0.8500
1
1
1
1
0
0
0.4125
0111
01
0.8250
1
1
1
1
0
1
0.4000
0111
10
0.8000
1
1
1
1
1
0
0.3875
0111
11
0.7750
1
1
1
1
1
1
0.3750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44