データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

063EC データシート(PDF) 18 Page - STMicroelectronics

部品番号 063EC
部品情報  DC/DC converter control circuits
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

063EC データシート(HTML) 18 Page - STMicroelectronics

Back Button 063EC Datasheet HTML 14Page - STMicroelectronics 063EC Datasheet HTML 15Page - STMicroelectronics 063EC Datasheet HTML 16Page - STMicroelectronics 063EC Datasheet HTML 17Page - STMicroelectronics 063EC Datasheet HTML 18Page - STMicroelectronics 063EC Datasheet HTML 19Page - STMicroelectronics 063EC Datasheet HTML 20Page - STMicroelectronics 063EC Datasheet HTML 21Page - STMicroelectronics 063EC Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Package mechanical data
MC34063AB - MC34063AC - MC34063EB - MC34063EC
18/23
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23