データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCC4099B データシート(PDF) 8 Page - STMicroelectronics

部品番号 HCC4099B
部品情報  RadHardened high voltage complementary MOS logic series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4099B データシート(HTML) 8 Page - STMicroelectronics

Back Button HCC4099B Datasheet HTML 4Page - STMicroelectronics HCC4099B Datasheet HTML 5Page - STMicroelectronics HCC4099B Datasheet HTML 6Page - STMicroelectronics HCC4099B Datasheet HTML 7Page - STMicroelectronics HCC4099B Datasheet HTML 8Page - STMicroelectronics HCC4099B Datasheet HTML 9Page - STMicroelectronics HCC4099B Datasheet HTML 10Page - STMicroelectronics HCC4099B Datasheet HTML 11Page - STMicroelectronics HCC4099B Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Package mechanical data
HCC4000B series
8/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
9.98
10.16
10.34
0.393
0.400
0.407
B
9.98
10.16
10.34
0.393
0.400
0.407
C
1.45
1.61
1.78
0.57
0.63
0.070
D
0.10
0.127
0.18
0.004
0.005
0.007
E
11.30
11.43
11.56
0.445
0.450
0.455
F
1.27
0.050
G
0.38
0.43
0.48
0.015
0.017
0.019
H
7.24
8.16
0.285
0.320
L
24.46
26.67
0.960
1.050
M
0.45
0.50
0.55
0.018
0.020
0.022
N
7.87
0.310
O
1.14
1.27
1.40
0.045
0.050
0.055
P
0.10
0.18
0.25
0.004
0.007
0.010
FPC-20 MECHANICAL DATA
016032F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13