データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ST7FLITE-SK/RAIS2 データシート(PDF) 5 Page - STMicroelectronics

部品番号 ST7FLITE-SK/RAIS2
部品情報  8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE-SK/RAIS2 データシート(HTML) 5 Page - STMicroelectronics

  ST7FLITE-SK/RAIS2 Datasheet HTML 1Page - STMicroelectronics ST7FLITE-SK/RAIS2 Datasheet HTML 2Page - STMicroelectronics ST7FLITE-SK/RAIS2 Datasheet HTML 3Page - STMicroelectronics ST7FLITE-SK/RAIS2 Datasheet HTML 4Page - STMicroelectronics ST7FLITE-SK/RAIS2 Datasheet HTML 5Page - STMicroelectronics ST7FLITE-SK/RAIS2 Datasheet HTML 6Page - STMicroelectronics ST7FLITE-SK/RAIS2 Datasheet HTML 7Page - STMicroelectronics ST7FLITE-SK/RAIS2 Datasheet HTML 8Page - STMicroelectronics ST7FLITE-SK/RAIS2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 124 page
background image
ST7LITE0xY0, ST7LITESxY0
5/124
1 DESCRIPTION
The
ST7LITE0x
and
ST7SUPERLITE
(ST7LITESx) are members of the ST7 microcon-
troller family. All ST7 devices are based on a com-
mon industry-standard 8-bit core, featuring an en-
hanced instruction set.
The ST7LITE0x and ST7SUPERLITE feature
FLASH memory with byte-by-byte In-Circuit Pro-
gramming (ICP) and In-Application Programming
(IAP) capability.
Under software control, the ST7LITE0x and
ST7SUPERLITE devices can be placed in WAIT,
SLOW, or HALT mode, reducing power consump-
tion when the application is in idle or standby state.
The enhanced instruction set and addressing
modes of the ST7 offer both power and flexibility to
software developers, enabling the design of highly
efficient and compact application code. In addition
to standard 8-bit data management, all ST7 micro-
controllers feature true bit manipulation, 8x8 un-
signed multiplication and indirect addressing
modes.
For easy reference, all parametric data are located
in section 13 on page 81.
Figure 1. General Block Diagram
8-BIT CORE
ALU
RESET
PORT B
PORT A
SPI
8-BIT ADC
w/ WATCHDOG
PB4:0
(5 bits)
1 MHz. RC OSC
Internal
CLOCK
CONTROL
RAM
(128 Bytes)
PA7:0
(8 bits)
VSS
VDD
POWER
SUPPLY
FLASH
+
PLL x 4 or x 8
LITE TIMER
MEMORY
DATA EEPROM
(128 Bytes)
12-BIT AUTO-
RELOAD TIMER
LVD/AVD
(1 or 1.5K Bytes)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More