| データシートサーチシステム |
|
74V2T05 データシート(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74V2T05 データシート(HTML) 2 Page - STMicroelectronics |
|
2 / 7 page ![]() 74V2T05 2/7 INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION TRUTH TABLE Z: High Impedance ABSOLUTE MAXIMUM RATINGS Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. RECOMMENDED OPERATING CONDITIONS 1) VIN from 0.8V to 2V PIN No SYMBOL NAME QND FUNCTION 1, 3, 6 1A, 2A, 3A Data Inputs 7, 5, 2 1Y, 2Y, 3Y Data Outputs 4 GND Ground (0V) 8 VCC Positive Supply Voltage AY LZ HL Symbol Parameter Value Unit VCC Supply Voltage -0.5 to +7.0 V VI DC Input Voltage -0.5 to +7.0 V VO DC Output Voltage -0.5 to VCC + 0.5 V IIK DC Input Diode Current -20 mA IOK DC Output Diode Current ± 20 mA IO DC Output Current ± 25 mA ICC or IGND DC VCC or Ground Current ± 50 mA Tstg Storage Temperature -65 to +150 °C TL Lead Temperature (10 sec) 260 °C Symbol Parameter Value Unit VCC Supply Voltage 4.5 to 5.5 V VI Input Voltage 0 to 5.5 V VO Output Voltage 0 to VCC V Top Operating Temperature -55 to 125 °C dt/dv Input Rise and Fall Time (note 1) (VCC =5.0 ± 0.5V) 0 to 20 ns/V |