データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD4080BBCZ データシート(PDF) 92 Page - Analog Devices

部品番号 AD4080BBCZ
部品情報  20-Bit, 40 MSPS, Differential SAR ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD4080BBCZ データシート(HTML) 92 Page - Analog Devices

Back Button AD4080BBCZ Datasheet HTML 86Page - Analog Devices AD4080BBCZ Datasheet HTML 87Page - Analog Devices AD4080BBCZ Datasheet HTML 88Page - Analog Devices AD4080BBCZ Datasheet HTML 89Page - Analog Devices AD4080BBCZ Datasheet HTML 90Page - Analog Devices AD4080BBCZ Datasheet HTML 91Page - Analog Devices AD4080BBCZ Datasheet HTML 92Page - Analog Devices AD4080BBCZ Datasheet HTML 93Page - Analog Devices AD4080BBCZ Datasheet HTML 94Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 92 / 94 page
background image
Data Sheet
AD4080
CONFIGURATION REGISTERS
analog.com
Rev. A | 92 of 94
Gain Correction Register
Address: 0x27 and Address: 0x28, Reset: 0x0200, Name: GAIN
Figure 138. Gain Correction Register
Table 61. Bit Descriptions for GAIN
Bits
Bit Name
Description
Reset
Access
[15:10]
RESERVED
Reserved. Write 0b000000 to these bits.
0x0
R
[9:0]
GAIN
Gain Correction Coefficient. .
0x200
R/W
GAIN = 0x3FF results in an overall system gain of 1.0 + 0.015594.
GAIN = 0x200 disables the gain correction function and allows for lower latency operation.
GAIN = 0x001 results in an overall system gain of 1.0 − 0.015594.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94