データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADA4352-2ACPZ-R7 データシート(PDF) 3 Page - Analog Devices

部品番号 ADA4352-2ACPZ-R7
部品情報  Compact, Dual-Channel, Precision, Programmable Gain Transimpedance Amplifier (PGTIA) with Integrated Gain Resistors
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADA4352-2ACPZ-R7 データシート(HTML) 3 Page - Analog Devices

  ADA4352-2ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4352-2ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
Data Sheet
ADA4352-2
analog.com
Rev 0
3 of 47
TABLE OF CONTENTS
Features......................................................................................................................................................................................................1
Applications ...............................................................................................................................................................................................1
General Description...................................................................................................................................................................................1
Simplified Application Diagram................................................................................................................................................................2
Revision History .........................................................................................................................................................................................4
Specifications.............................................................................................................................................................................................5
Absolute Maximum Ratings ....................................................................................................................................................................14
Electrostatic Discharge (ESD).............................................................................................................................................................14
Thermal Resistance.............................................................................................................................................................................15
Maximum Power Dissipation..............................................................................................................................................................15
Pin Configurations and Function Descriptions......................................................................................................................................16
Typical Performance Characteristics .....................................................................................................................................................17
Theory of Operation ................................................................................................................................................................................28
OVERVIEW ............................................................................................................................................................................................28
PGTIA ERRORS.....................................................................................................................................................................................29
PGTIA Measurements .....................................................................................................................................................................29
Input Offset Voltage........................................................................................................................................................................29
Input Bias Current...........................................................................................................................................................................30
Switch Off Leakage Current ...........................................................................................................................................................30
Output-Referred Offset Voltage.....................................................................................................................................................30
Kelvin Connection and TIA Accuracy.............................................................................................................................................31
Maximum Linear Input Current Range .........................................................................................................................................32
ESD Protection................................................................................................................................................................................33
MAIN AMPLIFIER (CMOS) ................................................................................................................................................................34
Applications Information ........................................................................................................................................................................36
RC Tolerancing ....................................................................................................................................................................................36
RC Tolerancing and Effect of External RC Filter ................................................................................................................................37
Frequency Response Variation with Diode Capacitance CD .............................................................................................................38
Using the ADA4352-2 LTspice Model..................................................................................................................................................41
Error Budget ........................................................................................................................................................................................41
Combining ADA4352-2 with a 16-Bit SAR ADC ..............................................................................................................................42
Typical ADA4352-2 Optical Signal Chain Application...................................................................................................................42
External RC Filter Design Considerations for SAR ADC Driving ........................................................................................................42
Using the AD4696 Easy Drive ADC’s Input Settings ......................................................................................................................43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47