データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADBMS1818CSWAZ-R7 データシート(PDF) 42 Page - Analog Devices

部品番号 ADBMS1818CSWAZ-R7
部品情報  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818CSWAZ-R7 データシート(HTML) 42 Page - Analog Devices

Back Button ADBMS1818CSWAZ-R7 Datasheet HTML 38Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 39Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 40Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 41Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 42Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 43Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 44Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 45Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
Data Sheet
ADBMS1818
THEORY OF OPERATION
analog.com
Rev. B | 42 of 92
Table 38. Write Codes for ICOMn, Bits[3:0] and FCOMn, Bits[3:0] on SPI Master
Control Bits
Code
Action
Description
ICOMn, Bits[3:0]
1000
CSBM low
Generates a CSBM low signal on SPI port (GPIO3)
1010
CSBM falling edge
Drives CSBM (GPIO3) high, then low
1001
CSBM high
Generates a CSBM high signal on SPI port (GPIO3)
1111
No transmit
Releases the SPI port and ignores the rest of the data
FCOMn, Bits[3:0]
X000
CSBM low
Holds CSBM low at the end of byte transmission
1001
CSBM high
Transitions CSBM high at the end of byte transmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92