| データシートサーチシステム |
|
74V2G86 データシート(PDF) 3 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74V2G86 データシート(HTML) 3 Page - STMicroelectronics |
|
3 / 7 page ![]() 74V2G86 3/7 DC SPECIFICATIONS AC ELECTRICAL CHARACTERISTICS (Input tr =tf =3ns) (*) Voltage range is 3.3V ± 0.3V (**) Voltage range is 5.0V ± 0.5V CAPACITIVE CHARACTERISTICS 1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC Symbol Parameter Test Condition Value Unit VCC (V) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. VIH High Level Input Voltage 2.0 1.5 1.5 1.5 V 3.0 to 5.5 0.7VCC 0.7VCC 0.7VCC VIL Low Level Input Voltage 2.0 0.5 0.5 0.5 V 3.0 to 5.5 0.3VCC 0.3VCC 0.3VCC VOH High Level Output Voltage 2.0 IO=-50 µA 1.9 2.0 1.9 1.9 V 3.0 IO=-50 µA 2.9 3.0 2.9 2.9 4.5 IO=-50 µA 4.4 4.5 4.4 4.4 3.0 IO=-4 mA 2.58 2.48 2.4 4.5 IO=-8 mA 3.94 3.8 3.7 VOL Low Level Output Voltage 2.0 IO=50 µA 0.0 0.1 0.1 0.1 V 3.0 IO=50 µA 0.0 0.1 0.1 0.1 4.5 IO=50 µA 0.0 0.1 0.1 0.1 3.0 IO=4 mA 0.36 0.44 0.55 4.5 IO=8 mA 0.36 0.44 0.55 II Input Leakage Current 0to 5.5 VI = 5.5V or GND ± 0.1 ± 1 ± 1 µA ICC Quiescent Supply Current 5.5 VI =VCC or GND 110 20 µA Symbol Parameter Test Condition Value Unit VCC (V) CL (pF) TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. tPLH tPHL Propagation Delay Time 3.3(*) 15 6.6 9.5 1.0 11.0 1.0 12.5 ns 3.3(*) 50 7.3 10.5 1.0 12.0 1.0 13.5 5.0(**) 15 4.8 6.8 1.0 8.0 1.0 9.0 5.0(**) 50 5.3 7.5 1.0 9.0 1.0 10.0 Symbol Parameter Test Condition Value Unit TA = 25°C -40 to 85°C -55 to 125°C Min. Typ. Max. Min. Max. Min. Max. CIN Input Capacitance 410 10 10 pF CPD Power Dissipation Capacitance (note 1) 12 pF |