データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BMM150 データシート(PDF) 54 Page - Bosch Sensortec GmbH

部品番号 BMM150
部品情報  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOSCH [Bosch Sensortec GmbH]
ホームページ  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMM150 データシート(HTML) 54 Page - Bosch Sensortec GmbH

Back Button BMM150 Datasheet HTML 48Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 49Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 50Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 51Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 52Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 53Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 54Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 55Page - Bosch Sensortec GmbH BMM150 Datasheet HTML 56Page - Bosch Sensortec GmbH  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 54
BST-BMM150-DS001-05 | Revision 1.4 | April 2020
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to third
parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
8.9 Environmental safety
The BMM150 sensor meets the requirements of the EC restriction of hazardous substances
(RoHS) directive, see also:
Directive 2015/863 (amending Annex II to Directive 2011/65/EU) of the European
Parliament and of the Council on the restriction of the use of certain hazardous substances
in electrical and electronic equipment.
Halogen content
The BMM150 is halogen-free. For more details on the analysis results please contact your Bosch
Sensortec representative.
8.9.1 Internal package structure
Within the scope of Bosch Sensortec’s ambition to improve its products and secure the mass
product supply, Bosch Sensortec qualifies additional sources (e.g. 2nd source) for the packaging
of the BMM150.
While Bosch Sensortec took care that all of the technical packages parameters are described
above are 100% identical for all sources, there can be differences in the chemical content and
the internal structural between the different package sources.
However, as secured by the extensive product qualification process of Bosch Sensortec, this has
no impact to the usage or to the quality of the BMM150 product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56