データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BMP585 データシート(PDF) 35 Page - Bosch Sensortec GmbH

部品番号 BMP585
部品情報  Barometric Pressure Sensor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOSCH [Bosch Sensortec GmbH]
ホームページ  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP585 データシート(HTML) 35 Page - Bosch Sensortec GmbH

Back Button BMP585 Datasheet HTML 31Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 32Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 33Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 34Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 35Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 36Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 37Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 38Page - Bosch Sensortec GmbH BMP585 Datasheet HTML 39Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 71 page
background image
Bosch Sensortec
| BST-BMP585-DS003-02
35 | 71
© Bosch Sensortec GmbH 2023 | All rights reserved, also regarding any disposal, exploitation, reproduction, editing, distribution,
Document number: BST-BMP585-DS003-02
as well as in the event of applications for industrial property rights
Figure 8: SPI single-byte write operation
Figure 9 shows the SPI multi-byte (burst) write protocol. The host sends the write command, multiple pairs of write
address/data and finally terminates the transaction. Note that for each write byte the address has to be sent over
separately.
Figure 9: SPI burst write operation
5.5.3 SPI read operation
SPI read operation supports single-byte as well as multi-byte (burst) reading. Figure 10 shows the SPI single-byte read
protocol. The host sends the read command, read address, gets the read data, and then terminates the transaction.
Figure 10: SPI single-byte read operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71