| データシートサーチシステム |
|
54VCXH162374 データシート(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
54VCXH162374 データシート(HTML) 8 Page - STMicroelectronics |
|
8 / 17 page ![]() Electrical characteristics 54VCXH162374 8/17 4 Electrical characteristics Table 5. DC specifications (2.7V < VCC < 3.6V unless otherwise specified) Symbol Parameter Test condition Value Unit VCC (V) -55 to 125°C Min Max VIH High level input voltage 2.7 to 3.6 2.0 V VIL Low level input voltage 0.8 VOH High level output voltage 2.7 to 3.6 IO=-100 µAVCC-0.2 V 2.7 IO=-6 mA 2.2 3.0 IO=-8 mA 2.4 IO=-12 mA 2.2 VOL Low level output voltage 2.7 to 3.6 IO=100 µA 0.2 V 2.7 IO=6 mA 0.4 3.0 IO=8 mA 0.55 IO=12 mA 0.8 II Input leakage current 2.7 to 3.6 VI = 0 to 3.6V ± 5 µA II(HOLD) Input hold current 3.0 VI = 0.8V 75 µA VI = 2V -75 3.6 VI = 0 to 3.6V ± 500 Ioff Power Off leakage current 0 VI or VO = 0 to 3.6V 10 µA IOZ High impedance output leakage current 2.7 to 3.6 VI = VIH or VIL VO = 0 to 3.6V ± 10 µA ICC Quiescent supply current 2.7 to 3.6 VI = VCC or GND 20 µA VI or VO = VCC to 3.6V ± 20 ∆I CC ICC incr. per Input 2.7 to 3.6 VIH = VCC - 0.6V 750 µA |